Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4932F1MR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STAC4932F1MR
Description  350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F1MR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STAC4932F1MR Datasheet HTML 8Page - STMicroelectronics STAC4932F1MR Datasheet HTML 9Page - STMicroelectronics STAC4932F1MR Datasheet HTML 10Page - STMicroelectronics STAC4932F1MR Datasheet HTML 11Page - STMicroelectronics STAC4932F1MR Datasheet HTML 12Page - STMicroelectronics STAC4932F1MR Datasheet HTML 13Page - STMicroelectronics STAC4932F1MR Datasheet HTML 14Page - STMicroelectronics STAC4932F1MR Datasheet HTML 15Page - STMicroelectronics STAC4932F1MR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Table 8. STAC780-4F mechanical data
Ref.
Milimeters
Min.
Typ.
Max.
A
3.76
3.86
A1
5.03
5.13
B
4.57
5.08
C
9.65
9.91
D
20.17
20.37
E
20.45
20.70
F
0.11
0.17
G
0.97
1.14
H
1.52
1.70
I
3.18
4.32
J
9.52
9.78
q
1.37
r
1.52
s
0.51
CH1
2.03
STAC4932F1MR
STAC780-4F package information
DS9904 - Rev 2
page 12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com