Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC4932F1MR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STAC4932F1MR
Description  350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F1MR Datasheet(HTML) 3 Page - STMicroelectronics

  STAC4932F1MR Datasheet HTML 1Page - STMicroelectronics STAC4932F1MR Datasheet HTML 2Page - STMicroelectronics STAC4932F1MR Datasheet HTML 3Page - STMicroelectronics STAC4932F1MR Datasheet HTML 4Page - STMicroelectronics STAC4932F1MR Datasheet HTML 5Page - STMicroelectronics STAC4932F1MR Datasheet HTML 6Page - STMicroelectronics STAC4932F1MR Datasheet HTML 7Page - STMicroelectronics STAC4932F1MR Datasheet HTML 8Page - STMicroelectronics STAC4932F1MR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2
Electrical characteristics
TCASE = +25 °C (unless otherwise specified)
2.1
Static
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain - source Breakdown
voltage
VGS = 0 V, IDS = 100 mA
200
240
V
IDSS
Zero gate voltage drain
leakage current
VGS = 0 V, VDS = 100 V
1
mA
IGSS
Gate - source leakage current VGS = 20 V, VDS = 0 V
250
nA
VTH
Gate - source threshold
voltage
VDS = 10 V, ID = 250 mA
2.0
4.0
V
VDS(ON)
Drain - source on voltage
VGS = 10 V, ID = 10 A
3.6
V
GFS
Forward transconductance
VDS = 7 V, ID = 2.5 A
3.0
S
CISS
Input capacitance
VGS = 0 V, VDS = 50 V,
f = 1 MHz
580
pF
COSS
Ouput capacitance
180
pF
CRSS
Reverse transfer capacitance
10
pF
Δ VTH
Gate - source threshold
voltage variation
ID = 250 mA
0.2
V
Δ GFS
Forward transconductance
variation
VDS = 7 V, ID = 2.5 A
0.6
S
2.2
Dynamic
Table 5. Dynamic (1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
POUT
Output power
350
450
-
W
ŋD
Drain efficiency
POUT =350 W
60
-
%
Gps
Power gain
POUT = 350 W
24
-
dB
1. VDD = 50 V, IDQ = 2 x 250 mA, f = 123 MHz
STAC4932F1MR
Electrical characteristics
DS9904 - Rev 2
page 3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com