Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT00 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74ACT00
Description  Quad 2-I nput NAND Gates with LSTTL compatible inputs in bare die form
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT00 Datasheet(HTML) 4 Page - Silicon Supplies

  74ACT00 Datasheet HTML 1Page - Silicon Supplies 74ACT00 Datasheet HTML 2Page - Silicon Supplies 74ACT00 Datasheet HTML 3Page - Silicon Supplies 74ACT00 Datasheet HTML 4Page - Silicon Supplies 74ACT00 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Advanced CMOS TTL Input – 74ACT00
DC Electrical Characteristics Continued (Voltages referenced to GND)
Rev 1.0
18/05/21
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
4.5V
4.4
4.4
4.4
7. Maximum test duration 2ms, one output loaded at a time.
AC Electrical Characteristics8 V
CC = 5.0V ±0.5V
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
tPLH
5.0V
9.0
9.5
10.8
Maximum Propagation
Delay
Input A to Output Y
(Figure 1)
tPHL
5.0V
CL = 50pF,
Input
tr = tf =3.0ns
7.0
8.0
13.2
ns
TYPICAL
Maximum Input
Capacitance
CIN
5.0V
TJ = 25°C
4.5
pF
Power Dissipation
Capacitance
CPD
5.0V
TJ = 25°C,
CL = 50pF
30
pF
5.5V
IOUT = 50µA
5.4
5.4
5.4
V
4.5V
3.86
3.76
3.7
Minimum High-Level
Output Voltage
VOH
5.5V
VIN = VIL or VIH
5
IOH = -24mA
4.86
4.76
4.7
V
Maximum Input
Leakage Current
IIN
5.5V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Additional Maximum
ICC / Input
ΔICCT
5.5V
VIN = VCC -2.1V
0.6
1.5
1.6
mA
IOLD
5.5V
VOLD = 1.65V Max
-
75
50
Minimum Dynamic
Output Current
7
IOHD
5.5V
VOHD = 3.85V Min
-
-75
-50
mA
Maximum Quiescent
Supply Leakage
Current
ICC
5.5V
VIN = VCC or GND
IOUT = 0µA
4
40
80
µA
8. Not production tested in die form, characterized by chip design
Page 4 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com