Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT00 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT00
Description  Quad 2-I nput NAND Gates with LSTTL compatible inputs in bare die form
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT00 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT00 Datasheet HTML 1Page - Silicon Supplies 74ACT00 Datasheet HTML 2Page - Silicon Supplies 74ACT00 Datasheet HTML 3Page - Silicon Supplies 74ACT00 Datasheet HTML 4Page - Silicon Supplies 74ACT00 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS TTL Input – 74ACT00
Quad 2-Input NAND Gates with LSTTL compatible inputs in bare die form
Rev 1.0
18/05/21
Die Size (Unsawn)
1200 x 1200
47 x 47
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 74LS00
Performance improvement versus 74HCT00
Lower power alternative to bipolar logic.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT00
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 54ACT00 quad 2-input NAND gates is fabricated on
a 1.5µm advanced CMOS process combining high
speed LSTTL performance with CMOS low power. The
device consists of x4 independent 2-input NAND gates
performing the Boolean function Y = A • B or Y = A + B.
Internal circuitry comprises of three stages and includes
buffered output for high noise immunity and stability.
Inputs are directly compatible with LSTTL outputs. All
inputs are protected against ESD and excess voltage
transients.
Description
Die Dimensions in µm (mils)
1200 (47.24)
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
logo
Fairchild Semiconductor
74ACT00 FAIRCHILD-74ACT00 Datasheet
104Kb / 7P
Quad 2-Input NAND Gate
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
185Kb / 8P
QUAD 2-INPUT NAND GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT00 FAIRCHILD-74ACT00 Datasheet
307Kb / 10P
Quad 2-Input NAND Gate
74ACT00 FAIRCHILD-74ACT00 Datasheet
307Kb / 10P
Quad 2-Input NAND Gate
More results

Similar Description - 74ACT00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCT157A MOTOROLA-MC74HCT157A Datasheet
127Kb / 5P
Quad 2-Input Data Selector/Multiplexer with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT00 ETL-MC74VHC1GT00 Datasheet
577Kb / 4P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT01 LRC-L74VHC1GT01 Datasheet
252Kb / 6P
2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A Datasheet
151Kb / 7P
Quad 2-Input AND Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT32A ONSEMI-MC74HCT32A Datasheet
163Kb / 8P
Quad 2-Input OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 8
MC74HCT86A ONSEMI-MC74HCT86A Datasheet
166Kb / 8P
Quad 2-Input Exclusive OR Gate with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
logo
Silicon Supplies
54ACT00 SS-54ACT00 Datasheet
408Kb / 5P
Quad 2-I nput NAND Gates with LSTTL compatible inputs in bare die form
Rev 1.0 18/05/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com