Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOGC01 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # SOGC01
Description  Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

SOGC01 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  SOGC01 Datasheet HTML 1Page - Vaishali Semiconductor SOGC01 Datasheet HTML 2Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
118
SOGC 01, 03, 05
Vishay Dale
Document Number: 31506
Revision 01-Aug-02
For Technical Questions, contact: ff2aresistors@vishay.com
05
SCHEMATIC
16
20
NUMBER OF
LEADS
01
03
SCHEMATIC
SOGC
MODEL
05 Schematic
G
TOLERANCE
F=
± 1%
G=
± 2%
J=
± 5%
xxx
or
xxxx
R
2 VALUE
xxx
or
xxxx
R
1 VALUE
First 2 digits (3 for F tolerance) are
significant figures. Last digit
specifies number of zeros to follow.
SOGC
MODEL
F=
± 1%
G=
± 2%
J=
± 5%
G
TOLERANCE
First 2 digits (3 for F tolerance) are
significant figures. Last digit
specifies number of zeros to follow.
xxx or xxxx
R
1 VALUE
16
20
NUMBER OF
LEADS
01, 03 Schematic
ORDERING INFORMATION
Thick Film Resistor Networks, Dual-In-Line,
Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
FEATURES
• 0.110" [2.79mm] maximum seated height
• Rugged, molded case construction
• 0.050" [1.27mm] lead spacing
• Reduces total assembly costs
• Compatible with automatic surface mounting equipment
• Uniform performance characteristics
• Meets EIA PDP 100, SOGN-0003 outline dimensions
• Available in tube pack or tape and reel pack
MODEL
SCHEMATIC
RESISTOR
PACKAGE
TOLERANCE
RESISTANCE
OPERATING
TEMPERATURE
CIRCUIT
POWER
RANGE
VOLTAGE
COEFFICIENT
W @ 70
°C
W @ 70
°C
± %
Ω
VDC
ppm/
°C
SOGC-16
01
0.1
1.6
2 (1, 5*)
10-1M0
50 max
100
03
0.19
1.6
2 (1, 5*)
10-1M0
50 max
100
05
0.1
1.6
2 (5*)
10-1M0
50 max
100
SOGC-20
01
0.1
2.0
2 (1, 5*)
10-1M0
50 max
100
03
0.19
2.0
2 (1, 5*)
10-1M0
50 max
100
05
0.1
2.0
2 (5*)
10-1M0
50 max
100
PARAMETER
UNIT
S0GC-16 / -20
Package Power Rating (max. at + 70
°C)
W
1.6 / 2.0
TC Tracking (- 55
°C to + 125°C)
ppm/
°C
± 50
Voltage Coefficient of Resistance:
ppm/V
< 50 typical.
Maximum Operating Voltage:
VDC
50
Operating Temperature Range:
°C
- 55 to + 125.
Storage Temperature Range:
°C
- 55 to + 150
STANDARD ELECTRICAL SPECIFICATIONS
* Tolerances in brackets available upon request.
• 100 milliohm maximum on zero ohm jumper
TECHNICAL SPECIFICATIONS
Marking:
Model number, schematic number, value
tolerance, pin 1 indicator, date code.
Marking Resistance
Permanency testing per
to Solvents:
MIL-STD-202, Method 215.
Maximum Solder
Reflow Temperature:
+ 255ºC
Solderability:
Per MIL-STD-202, Method 208E.
Terminals:
Copper alloy.
60/40 solder dipped terminal.
Body:
Molded epoxy.
MECHANICAL SPECIFICATIONS


Similar Part No. - SOGC01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
More results

Similar Description - SOGC01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
06-Aug-02
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
25-Aug-06
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
21-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
08-Jul-08
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
28-Jul-06
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MSM VISHAY-MSM Datasheet
137Kb / 5P
Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
25-Jul-08
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com