Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPNS3H60T-H Datasheet(PDF) 21 Page - STMicroelectronics

Part # STGIPNS3H60T-H
Description  SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPNS3H60T-H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STGIPNS3H60T-H Datasheet HTML 15Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 16Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 17Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 18Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 19Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 20Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 21Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 22Page - STMicroelectronics STGIPNS3H60T-H Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Revision history
Table 16. Document revision history
Date
Revision
Changes
19-Apr-2017
1
Initial release
09-Jan-2018
2
Datasheet promoted from preliminary data to production data.
Modified features on cover page.
Modified Figure 2: "Pin layout (top view)", Table 3: "Inverter part",
Table 5: "Total system", Table 6: "Thermal data", Table 9: "Low
voltage power supply", Table 10: "Bootstrapped voltage", Table 13:
"Sense comparator characteristics".
Updated Section 6.1: "NSDIP-26L package information".
Minor text changes.
03-Apr-2018
3
Removed maturity status indication from cover page.
Modified Table 2. Inverter part, Table 3. Control part.
Modified Section 4 Shutdown function.
Added Table 14. Recommended operating conditions.
Minor text changes.
15-Oct-2019
4
Modified features and applications on cover page.
Modified Table 2. Inverter part, Table 5. Thermal data, Table 8. Low voltage power supply,
Table 10. Logic inputs, Section 5.1 Guidelines.
Updated Section 6.1 NSDIP-26L package information.
Minor text changes.
STGIPNS3H60T-H
DS12011 - Rev 4
page 21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com