Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498D Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6498D
Description  High voltage high and low-side 2 A gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6498D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6498D Datasheet HTML 8Page - STMicroelectronics L6498D Datasheet HTML 9Page - STMicroelectronics L6498D Datasheet HTML 10Page - STMicroelectronics L6498D Datasheet HTML 11Page - STMicroelectronics L6498D Datasheet HTML 12Page - STMicroelectronics L6498D Datasheet HTML 13Page - STMicroelectronics L6498D Datasheet HTML 14Page - STMicroelectronics L6498D Datasheet HTML 15Page - STMicroelectronics L6498D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Bootstrap driver
L6498
12/20
DocID030318 Rev 3
7
Bootstrap driver
A bootstrap circuitry is needed to supply the high voltage section. This function is usually
accomplished by a high voltage fast recovery diode (Figure 9). In the L6498 an integrated
structure replaces the external diode.
CBOOT selection and charging
To choose the proper CBOOT value the external MOS can be seen as an equivalent
capacitor. This capacitor CEXT is related to the MOS total gate charge:
Equation 1
The ratio between the capacitors CEXT and CBOOT is proportional to the cyclical voltage loss.
It has to be:
Equation 2
if Qgate is 30 nC and Vgate is 10 V, CEXT is 3 nF. With CBOOT = 100 nF the drop is 300 mV.
If HVG has to be supplied for a long time, the CBOOT selection has also to take into account
the leakage and quiescent losses.
HVG steady-state consumption is lower than 120
A, so if HVG TON is 5 ms, CBOOT has to
supply 0.6
C. This charge on a 1 F capacitor means a voltage drop of 0.6 V.
The internal bootstrap driver gives a great advantage: the external fast recovery diode can
be avoided (it usually has great leakage current).
This structure can work only if VOUT is close to SGND (or lower) and in the meanwhile the
LVG is on. The charging time (Tcharge) of the CBOOT is the time in which both conditions are
fulfilled and it has to be long enough to charge the capacitor.
The bootstrap driver introduces a voltage drop due to the DMOS RDS(on) (typical value:
175
). At low frequency this drop can be neglected. Anyway, the rise of frequency has to
take into account.
The following equation is useful to compute the drop on the bootstrap DMOS:
Equation 3
where Qgate is the gate charge of the external power MOS, RDS(on) is the on resistance of
the bootstrap DMOS and Tcharge is the charging time of the bootstrap capacitor.
CEXT
Qgate
Vgate
--------------
=
CBOOT>>>CEXT
Vdrop
Ich e
arg RDS on

Vdrop
Qgate
Tch e
arg
------------------RDS on

==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com