Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6498D Datasheet(PDF) 17 Page - STMicroelectronics

Part # L6498D
Description  High voltage high and low-side 2 A gate driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6498D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L6498D Datasheet HTML 12Page - STMicroelectronics L6498D Datasheet HTML 13Page - STMicroelectronics L6498D Datasheet HTML 14Page - STMicroelectronics L6498D Datasheet HTML 15Page - STMicroelectronics L6498D Datasheet HTML 16Page - STMicroelectronics L6498D Datasheet HTML 17Page - STMicroelectronics L6498D Datasheet HTML 18Page - STMicroelectronics L6498D Datasheet HTML 19Page - STMicroelectronics L6498D Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
DocID030318 Rev 3
17/20
L6498
Package information
20
8.2
SO-14 package information
Figure 12. SO-14 package outline
Table 8. SO-14 package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A1.35
-
1.75
A1
0.10
-
0.25
A2
1.10
-
1.65
B0.33
-
0.51
C0.19
-
0.25
D8.55
-
8.75
E3.80
-
4.00
e
-
1.27
-
H5.80
-
6.20
h0
-
-
25
-
0.50
-
L0.40
-
1.27
k0
-
8
ddd
-
-
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com