Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-0603SPA-R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603SPA-R
Description  SF-0603SPA-R Series – Automotive Grade SMD Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603SPA-R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603SPA-R Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SF-0603SPA-R Series – Automotive Grade SMD Fuses
Features
n
Metal foil chip design for overcurrent
protection
n
EIA 0603 (1608 metric) footprint
n
Small chip size with high current rating
and inrush withstanding capability
n
Agency recognition:
n
RoHS* compliant and halogen free**
n
AEC-Q200 compliant***
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Clearing Time Characteristics for Series
% of Current Rating
Clearing Time at 25 °C
Min.
Max.
100 %
4 hours
—
200 %
1 second
120 seconds
Electrical Characteristics
Model
Rated
Current (A)
Resistance
(Ω) Typ.1
Rated
Voltage1
Interrupting
Rating2
Typical
I2t (A2s)3
Agency Recognition
cUL:
E198545
TÜV:
TA50515766
SF-0603SPA100R-2
1.0
0.115
50 VDC
63 VDC
50 A @ 50 VDC
50 A @ 63 VDC
0.059
3
3
SF-0603SPA150R-2
1.5
0.059
0.13
3
3
SF-0603SPA200R-2
2.0
0.033
0.21
3
3
SF-0603SPA300R-2
3.0
0.0159
0.71
3
3
SF-0603SPA400R-2
4.0
0.01
0.96
3
3
SF-0603SPA500R-2
5.0
0.00677
2.05
3
3
SF-0603SPA600R-2
6.0
0.0063
3.47
3
3
SF-0603SPA700R-2
7.0
0.0047
5.04
3
3
SF-0603SPA800R-2
8.0
0.0043
6.5
3
3
Notes:
1. Resistance value measured with ≤10 % rated current at 25 °C ambient. Tolerance ±25 %.
2. UL: 50 A @ 63 VDC / TUV: 50 A @ 50 VDC
3. Melting I2t calculated at 0.001 second pre-arcing time.
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br)
and Chlorine (Cl) content is 1500 ppm or less.
***Meets Bourns internal AEC-Q200 equivalent test plan.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer
and Reproductive Harm
www.P65Warnings.ca.gov
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
AUTOMOTIVE
GRADE


Similar Part No. - SF-0603SPA-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603SP BOURNS-SF-0603SP Datasheet
503Kb / 4P
Time Lag Surface Mount Fuses
SF-0603SP-M BOURNS-SF-0603SP-M Datasheet
253Kb / 6P
SF-0603SP-M Series - Time Lag Multilayer Surface Mount Fuses
REV. E 03/21
SF-0603SP-R BOURNS-SF-0603SP-R Datasheet
614Kb / 5P
SF-0603SP-R Series – Metal Foil SMD Fuses
REV. 02/24
SF-0603SP050 BOURNS-SF-0603SP050 Datasheet
503Kb / 4P
Time Lag Surface Mount Fuses
SF-0603SP063 BOURNS-SF-0603SP063 Datasheet
503Kb / 4P
Time Lag Surface Mount Fuses
More results

Similar Description - SF-0603SPA-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603HIA-M BOURNS-SF-0603HIA-M Datasheet
608Kb / 5P
Automotive Grade High-Inrush SMD Fuses
SF-1206HIA-M BOURNS-SF-1206HIA-M Datasheet
654Kb / 5P
Automotive Grade High-Inrush SMD Fuses
SF-0603SA-M BOURNS-SF-0603SA-M Datasheet
585Kb / 5P
Automotive Grade Slow Blow SMD Fuses
SF-1206SA-R BOURNS-SF-1206SA-R Datasheet
807Kb / 5P
SF-1206SA-R Series – Automotive Grade SMD Fuses
03/22
SF-1206SA-W BOURNS-SF-1206SA-W Datasheet
248Kb / 5P
SF-1206SA-W Series - Automotive Grade Slow Blow SMD Fuses
REV. B 03/21
SF-2410FA-W BOURNS-SF-2410FA-W Datasheet
230Kb / 4P
SF-2410FA-W Series - Automotive Grade Fast Acting SMD Fuses
REV. B 03/21
SF-2410FPA-W BOURNS-SF-2410FPA-W Datasheet
247Kb / 5P
SF-2410FPA-W Series - Automotive Grade Fast Acting Precision Fuses
REV. B 03/21
SF-2923HC BOURNS-SF-2923HC Datasheet
250Kb / 6P
SF-2923HC-C Series – High Current SMD Fuses
REV. 04/21
SF-3812F-T BOURNS-SF-3812F-T Datasheet
264Kb / 6P
SF-3812F-T Series – Fast Acting SMD Fuses
REV. 04/21
SF-3812SP-T BOURNS-SF-3812SP-T Datasheet
260Kb / 6P
SF-3812SP-T Series – Time Lag SMD Fuses
REV. 04/21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com