Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF-0603SPA-R Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0603SPA-R
Description  SF-0603SPA-R SeriesAutomotive Grade SMD Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603SPA-R Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0603SPA-R Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 4Page - Bourns Electronic Solutions SF-0603SPA-R Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF-0603SPA-R Series – Automotive Grade SMD Fuses
Environmental Characteristics
Operating Temperature
-55 °C to +150 °C
Storage Conditions
Temperature
+5 °C to +35 °C
Humidity
40 % to 75 %
Moisture Sensitivity Level
1
ESD Classification1
Class 6
1
per AEC-Q200-2, HBM
Current Rating Thermal Derating Curve
140
120
100
80
60
40
20
0
-60
-40
-20
0
20
40
60
80
100 120 140 160
AMBIENT TEMPERATURE (°C)
25 °C
Typical Part Marking
Represents total content. Layout may vary.
Markings in white color.
6
Rated
Current
Part
Marking
Rated
Current
Part
Marking
1 A
L
5 A
Y
1.5 A
P
6 A
6
2 A
S
7 A
7
3 A
3
8 A
8
4 A
W
How to Order
SF - 0603 SP A 100 R - 2
SinglFuse™
Product Designator
SMD Footprint
0603 = EIA 0603
(1608 metric)
Fusing Characteristic
SP = 1~120 sec. @ 200 % In
Automotive Grade
Rated Current
100~800 = 1 A~8 A
Structure Type
R = Metal Foil
Packaging Type
- 2 = Tape & Reel
Packaging
Reel Dimension
7-inch Tape and Reel
Specification
EIA 481-2
Quantity
5,000 pieces
Packaging Code
-2
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Recommended Pad Layout
0.65
(.026)
0.8
(.031)
0.9
(.035)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Product Dimensions
6
1.6 ± 0.1
(.063 ± .004)
0.3 ± 0.2
(.012 ± .008)
0.3 ± 0.1
(.012 ± .004)
0.8 ± 0.1
(.031 ± .004)
0.6 ± 0.1
(.024 ± .004)
0.3 ± 0.2
(.012 ± .008)
0.3 ± 0.1
(.012 ± .004)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com