Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZR-40DA-H-R Datasheet(PDF) 1 Page - FOTEK CONTROLS CO., LTD.

Part # EZR-40DA-H-R
Description  Solid State Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

EZR-40DA-H-R Datasheet(HTML) 1 Page - FOTEK CONTROLS CO., LTD.

  EZR-40DA-H-R Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■
Guiding of model / 型號索引
Terminal type / 端子式
PCB or Fuse type / 基板或保險絲型
Ex:
SSR – 40 D A – H - R
1
2
3 4
5
6
1> Product / 產品
「
SSR」= Single phase solid state module
「
HPR」= High power solid state module
「
TSR」= Three phases solid state module
「
ESR」= Three phases High power solid state module
「
EZR」= Plug type solid state module
2> Output current / 輸出電流
「
10」= 10A 「25」= 25A 「40」= 40A
「
50」= 50A 「60」= 60A 「80」= 80A
3> Input method / 輸入方式
「
D」= 4 ~ 32VDC
「
A」= 80 ~ 250VAC
「
L」= 4 ~ 20mA
「
V」= Variable resistor
4> Output voltage / 輸出電壓
「
A」= AC voltage
「
D」= DC voltage
5> Output voltage range / 輸出電壓範圍
「
H」= High voltage type
「
Non」= Standard type
6> Control method / 控制方式
「
R」= Random control
「
Non」= Zero cross control
Ex:
SSR – P 03 D A – H
1
2 3
4 5
6
1> Product / 產品
「
SSR」= Single phase solid state module
「
SCR」= Single phase linear solid state module
2> Mounting method or Others
「
P」= PCB type
「
M」= Mini PCB type
「
Y」= Relay type
「
R」= Relay type
「
K」= Heat-sink type
「
F」= Fuse type
3> Output current / 輸出電流
「
03」= 3A 「10」= 10A
「
25」= 25A 「40」= 40A
4> Input method / 輸入方式
「
D」= 4 ~ 32VDC
「
A」= 80 ~ 250VAC
「
L」= 4 ~ 20mA
5> Output voltage / 輸出電壓
「
A」= AC voltage
「
D」= DC voltage
6> Output voltage range / 輸出電壓範圍
「
H」= High voltage type
「
Non」= Standard type
03
Solid State Module
*
High Dielectric strength over 4KV
*
High Isolation strength over 100MΩ/500VDC
*
With over heat protection Circuit(120℃)
*
High surge current sustenance
*
High surge voltage sustenance
*
Conformity with EN60947-4-3 and EN60950
* 高電介強度超過
4KV
* 高絕緣強度超過
100MΩ/500VDC
* 附過熱保護回路可防止過熱破壞
* 耐瞬間電流超過額定電流10倍以上
* 附雙重突波吸收回路有效防止突波破壞
* 符合
EN60947-4-3 and EN60950標準


Similar Part No. - EZR-40DA-H-R

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
EZR-40DA-H FOTEK-EZR-40DA-H Datasheet
1Mb / 3P
Single phase Plug type Solid State Module
More results

Similar Description - EZR-40DA-H-R

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
Solid-state relay module
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
Solid-state relay module
logo
FOTEK CONTROLS CO., LTD...
SSR-F-10DA FOTEK-SSR-F-10DA Datasheet
3Mb / 8P
Solid State Module
SSR-K10DA FOTEK-SSR-K10DA Datasheet
7Mb / 10P
Solid State Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com