Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZR-40DA-H-R Datasheet(PDF) 2 Page - FOTEK CONTROLS CO., LTD.

Part # EZR-40DA-H-R
Description  Solid State Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOTEK [FOTEK CONTROLS CO., LTD.]
Direct Link  http://www.fotek.com.tw/index4.asp
Logo FOTEK - FOTEK CONTROLS CO., LTD.

EZR-40DA-H-R Datasheet(HTML) 2 Page - FOTEK CONTROLS CO., LTD.

  EZR-40DA-H-R Datasheet HTML 1Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 2Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 3Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 4Page - FOTEK CONTROLS CO., LTD. EZR-40DA-H-R Datasheet HTML 5Page - FOTEK CONTROLS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
■
Control method / 控制方式
■
Application hints / 應用說明
Zero cross trigger method
Output will be turned ON or Turned OFF
only on the Zero point of sine wave, that may avoid
to occur the EMI or RFI. Specially suited to control
the resistive, capacitive and non-saturated inductive
load.
輸出只有在正弦波的零點上有輸入訊號時才會打開或
關閉,以避免產生突波或EMI / RFI。特別適用於控制
阻抗性或電容性或不飽和感抗性等負載。
Variable resistance control
method(Trimmer control)
Power output is controlled by the Trigger angle of
the Triac that is controlled with variable resistor.
(250KΩ/110VAC, 500KΩ/220VAC, 1MΩ/220VAC)
以可變電阻控制Triac的觸發角來控制輸出功率。
(250KΩ/110VAC, 500KΩ/220VAC, 1MΩ/380VAC)
Input
NPN
Output status
NO
Input
PNP
Output status
NO
Input
L.S.
Output status
NO
Input
NPN
Output status
NC
Input
PNP
Output status
NC
Latch circuit ( AC to AC )
04
Solid State Module
Line
Input
Output
Line
0%
50%
100%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com