Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3V312LE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3V312LE
Description  Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V312LE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3V312LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8754A
11/02/04
PI3V312
Low On-Resistance, 3.3V High-Bandwidth
4-Port, 2:1 Mux/DeMux VideoSwitch
Switching Characteristics over 2.5V Operating Range
Parameters
Description
Conditions(1)
Com.
Units
Min.
Max.
tPLH
tPHL
Propagation Delay(2,3) Y to In, In to Y
See Test Diagram
0.3
ns
tPZH
tPZL
Enable Time S or EN to Y or In
See Test Diagram
1.5
15.0
tPHZ
tPLZ
Disable Time S or EN to Y or In
1.5
12.0
Switching Characteristics over 3.3V Operating Range
Parameters
Description
Conditions(1)
Com.
Units
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay(2,3) Y to In, In to Y
See Test Diagram
0.3
ns
tPZH
tPZL
Enable Time S or EN to Y or In
See Test Diagram
1.5
9.0
tPHZ
tPLZ
Disable Time S or EN to Y or In
1.5
9.0
Notes:
1.
See test circuit and waveforms.
2.
This parameter is guaranteed but not tested on Propagation Delays.
3.
The switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The time
constant for the switch alone is of the order of 0.30ns for 10pF load. Since this time constant is much smaller than the rise/fall times of typical
driving signals, it adds very little propagational delay to the system. Propagational delay of the switch when used in a system is determined by
the driving circuit on the driving side of the switch and its interaction with the load on the driven side.
Bandwidth vs Capacitance
600
500
400
300
200
100
0
0 pf
10 pf
20 pf
30 pf
40 pf
50 pf
Capacitance Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com