Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3V312LE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3V312LE
Description  Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V312LE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3V312LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V312LE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8754A
11/02/04
Pin Description
Pin Name
Description
IAN to IDN
Data Inputs
S
Select Inputs
EN
Enable
YA to YD
Data Outputs
GND
Ground
VCC
Power
Truth Table(1)
EN
S
YA
YB
YC
YD
Function
H
X
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Disable
L
L
IA0
IB0
IC0
ID0
S=0
L
H
IA1
IB1
IC1
ID1
S=1
Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• High signal passing bandwidth (500MHz)
• Beyond Rail-to-Rail switching
• 5V I/O tolerant with 3.3V supply
• 2.5V and 3.3V supply voltage operation
• Hot insertion capable
• Industrial operating temperature: -40ºC to +85ºC
• 2KV ESD Protection (human body model)
• Latch-up performance >250mA per JESD17
• Packaging (Pb-free & Green available):
– 16-pin QSOP (Q)
– 16-pin TSSOP (L)
– 20-contact TQFN (ZH)
Low On-Resistance, 3.3V High-Bandwidth
4-Port, 2:1 Mux/DeMux VideoSwitch
Notes:
1.
H=High Voltage Level
L=Low Voltage Level
Description
Pericom Semiconductor’s PI3V312 is a 4-port, 2:1 Multiplexer/
Demultiplexer with 3-state outputs. The switch introduces no ad-
ditional ground bounce noise or propagation delay.
Low On-Resistance and High bandwidth make it ideal for video
and other applications. Also this device has exceptionally low
crosstalk and off-isolation, which is far greater than most analog
switches offered today. A single 3.3V supply is all that is required
for operation.
The PI3V312 offers a high-performance (500MHz), low-cost solu-
tion to switch between video signals that have high bandwidth.
PI3V312
Pin Configuration
Block Diagram
EN
VCC
S
1
IA0
2
ID0
IA1
3
ID1
YA
4
YD
IB0
5
16
IC0
IB1
6
15
IC1
YB
7
14
YC
8
13
12
GND
11
10
9
16-pin
L, Q
20-Contact
ZH
N.C.
EN
ID0
ID1
YD
IC0
IC1
YC
S
IA0
IA1
YA
IB0
IB1
YB
N.C.
19
18
17
16
15
14
13
12
1
20
10
11
2
3
4
5
6
7
8
9
IA0
EN
S
IA1
IB0
IB1
IC0
IC1
YA
YB
YC
YD
ID0 ID1


Similar Part No. - PI3V312LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V314B PERICOM-PI3V314B Datasheet
348Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3V314BE PERICOM-PI3V314BE Datasheet
348Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
More results

Similar Description - PI3V312LE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
PI3CH480 PERICOM-PI3CH480 Datasheet
449Kb / 8P
Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
PI5V512 PERICOM-PI5V512 Datasheet
234Kb / 8P
Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
PI3V341 PERICOM-PI3V341 Datasheet
629Kb / 10P
Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com