Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCOCXOVS/BV5 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCOCXOVS/BV5
Description  5V OCXO Sine Output 14-pin DIL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCOCXOVS/BV5 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCOCXOVS/BV5 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5V OCXO Sine Output 14-pin DIL
MCOCXOVS
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
01 Mar 2006
8.00
(max)
6.80
(max)
0.80
0.50Ø
7.62
15.24
1
14
7
8
20.30
13.20
PIN
1
7
8
14
CONNECTION
Freq adjustment
Ground
Output
Supply
Features
« Compact 14-pin DIL package
« 5.0V supply voltage
« Sinewave output
« Very fast warmup
« Low power consumption
« Wide temperature range available
Option
Codes
MCOCXOVS
Product
Parameters
Product name +model code (if standard) + frequency
eg: MCOCXOVS-AR1 10.0MHz
MCOCXOVS-BV5 16.384MHz
Option code X (eg MCOCXOVS/X) denotes a custom spec.
Ordering Information
Standard.
Optional - Please specify required code(s) when ordering
Scale 1:1
Specifications
Other combinations of calibration and temperature stability/range
are available.
Frequency range: 10.0 ~ 20.0MHz
Frequency stability:
±0.7ppm max first year
±4ppm max in 10 years
±0.1ppm over V
DD ±0.2V
±0.01ppm over 10% change in load
Short term stability:
5x10-10, 0.1 to 30s
5x10-11 over 1s typ
Temperature stability:
±0.075ppm max, 0 to +60°C
A
±0.15ppm max, -20 to +70°C
B
±0.25ppm max, -40 to +85°C
C
Operable temperature range:
-40 to +85°C
Storage temperature range:
-65 to +125°C
Output waveform:
Clipped sine, 1 ~ 2V p-p
Harmonics -10dBc
Spurious -70dBc
Test load:
1 k
// 5pF (±10%)
Frequency adjustment:
Control voltage (pin 1)
V5
±4ppm min, 0.5V ~ 5.0V
'Variable resistor (pins 1 to 7)
R1
±4ppm min, 0 ~ 10k
Supply voltage (V
DD):
+5.0V (±0.2V)
Input current: 70mA max @ +30°C
110mA max @ -20°C
Warm up:
within spec after 30s @ 0°C
current 250mA max during 10s
Phase noise (typ @ 10MHz):
-80dBc/Hz @ 1Hz
-110dBc/Hz @ 10Hz
-135dBc/Hz @ 100Hz
-145dBc/Hz @ 1kHz
Shock & vibration:
2,000G, 0.3ms ½-sine
10.0 ~ 2,000Hz, 10G
Frequencies in MHz
Standard Frequencies
10.00000
12.80000
16.00000
16.38400
19.44000
20.00000


Similar Part No. - MCOCXOVS/BV5

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXOVS/BV5 GOLLEDGE-MCOCXOVS/BV5 Datasheet
155Kb / 2P
5V OCXO Sine Output
More results

Similar Description - MCOCXOVS/BV5

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCOCXO GOLLEDGE-MCOCXO Datasheet
59Kb / 1P
12V OCXO HCMOS Output 14-pin DIL
MCOCXOS GOLLEDGE-MCOCXOS Datasheet
59Kb / 1P
12V OCXO Sine Output 14-pin DIL
MCOCXOV GOLLEDGE-MCOCXOV Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
MCOCXOW GOLLEDGE-MCOCXOW Datasheet
60Kb / 1P
3.3V OCXO HCMOS Output 14-pin DIL
SCOCXOT GOLLEDGE-SCOCXOT Datasheet
59Kb / 1P
12V OCXO HCMOS Output 14-pin DIL
SCOCXOVT GOLLEDGE-SCOCXOVT Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
HCD350 GOLLEDGE-HCD350 Datasheet
134Kb / 1P
5V OCXO Sine Output
MCOCXOVS GOLLEDGE-MCOCXOVS_15 Datasheet
155Kb / 2P
5V OCXO Sine Output
SCOCXOHSV GOLLEDGE-SCOCXOHSV Datasheet
558Kb / 5P
5V Sine Output OCXO
MCOCXOVS GOLLEDGE-MCOCXOVS_18 Datasheet
556Kb / 5P
5V OCXO with Sine Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com