Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-B Datasheet(PDF) 1 Page - Samtec, Inc

Part # USB-B
Description  STANDARD & RUGGED USB 2.0
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

USB-B Datasheet(HTML) 1 Page - Samtec, Inc

  USB-B Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES
- B - S - PLATING - COLOR - TERMINATION - OTHER
OPTION
USB
= Standard Connector
USBR
= Increased
Retention Connector
(Complies with Class 1,
DIV II minimum withdrawal
requirement of 15N)
–F
= Gold
Flash on
Mating Area,
Tin on Tails
–S
= 30 µ"
(0.76 µm)
Gold on
Mating Area,
Tin on Tails
–B
= Black
(USB only)
–W
= White
(USB only)
–O
= Orange
(USBR only)
–TH
= Through-hole
–SM
= Surface Mount
(USB only)
–VT
= Vertical Top Entry
–TR
= Tape
and Reel
(–SM only)
–FR
= Full Reel
Tape & Reel
(must order
maximum
quantity
per reel;
contact
Samtec for
quantity
breaks)
(–SM åonly)
SPECIFICATIONS
Insulator Material:
High Temperature
Thermoplastic
Contact Material:
Phosphor Bronze
Plating:
Gold on Contacts,
Nickel on Shell, Tin on Tails
Operating Temp Range:
-50 °C to +85 °C
Voltage Rating:
30 VAC
Cycles:
1500
(maximum number
of cycles tested)
Packaging:
Packaged and shipped in
Bulk Packaging Trays; Trays
suitable for automation are
available upon request.
Lead–Free Solderable:
USB-SM=Yes
USB-TH= Yes
(Wave Solder only)
USBR=Yes (Wave Solder only)
TID Number:
USB-B-S-X-X-TH (61001155)
—TH
—VT
—SM
MATING / UNMATING FORCE
(100 CYCLES)
SERIES
MATING
UNMATING
USB
5.3
(23.59 N)
6.1
(27.15 N)
USBR
11.8
(52.51 N)
11.5
(51.18 N)
USB-B/USBR-B SERIES
samtec.com?USB-B or samtec.com?USBR-B
Unless otherwise approved in writing by Samtec, all parts and components are designed and built according to Samtec’s specifications which are subject to change without notice.
STANDARD&
RUGGEDUSB2.0
(14.80) .583
(12.10) .476
(10.90)
.429
(16.20) .638
(12.00) .472
(16.00) .630
(16.20) .638
(12.10) .476
(10.80)
.425
(16.10)
.634
(11.10)
.437
(14.78) .582
F-221


Similar Part No. - USB-B

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
USB-B-001 YAMAICHI-USB-B-001 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
USB-B-001-30 YAMAICHI-USB-B-001-30 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
USB-B-003 YAMAICHI-USB-B-003 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
USB-B-004 YAMAICHI-USB-B-004 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
USB-B-004-30 YAMAICHI-USB-B-004-30 Datasheet
170Kb / 3P
Universal Serial Bus, Type B - 90째 Receptacle
More results

Similar Description - USB-B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
ZX62 HIROSE-ZX62 Datasheet
847Kb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
ZX20-B-5S HIROSE-ZX20-B-5S Datasheet
1Mb / 20P
Micro-USB connectors meeting requirements of USB 2.0 Standard
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
Amphenol Corporation
S6056C AMPHENOL-S6056C Datasheet
227Kb / 3P
MUSBR Rugged USB
logo
Samtec, Inc
USB-A-S-F-B-TH SAMTEC-USB-A-S-F-B-TH Datasheet
704Kb / 1P
STANDARD & RUGGED USB 2.0
USBR-A-S-F-O-TH SAMTEC-USBR-A-S-F-O-TH Datasheet
731Kb / 1P
STANDARD & RUGGED USB 2.0
logo
Japan Aviation Electron...
MX49 JAE-MX49 Datasheet
264Kb / 6P
Automotive USB 2.0 Standard Compatible Connector
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Hirose Electric
UX HIROSE-UX_18 Datasheet
308Kb / 6P
USB 2.0 Standard Connectors
ZX HIROSE-ZX_18 Datasheet
931Kb / 20P
Micro-USB connectors meeting USB 2.0 Standard
2017.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com