Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC212A-SM-R3 Datasheet(PDF) 6 Page - Black Box Registered Trademark

Part # LMC212A-SM-R3
Description  FlexPoint Modular Media Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

LMC212A-SM-R3 Datasheet(HTML) 6 Page - Black Box Registered Trademark

  LMC212A-SM-R3 Datasheet HTML 1Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 2Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 3Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 4Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 5Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
724-746-5500
blackbox.com
BLACK BOX®
6 of 6
05/14/2010
#24868
Item
Code
FlexPoint Media Converter Modules (Continued)
1000-Mbps Multimode to Single-Mode Fiber-to-Fiber
Mode Converters
850-nm Multimode to 1300-nm Single-Mode,
220 m Multimode to 5 km Single-Mode
SC to SC
LMC1001a
850-nm Multimode to 1300-nm Single-Mode,
220 m Multimode to 20 km Single-Mode
SC to SC
LMC1002a
850-nm Multimode to 1550-nm Single-Mode,
220 m Multimode to 50 km Single-Mode
SC to SC
LMC1000a
Fiber-to-Fiber Mode Converters for ATM OC-3
1300-nm Multimode to 1300-nm Single-Mode,
5 km to 28 km
ST to ST
LMC155a-sT
SC to SC
LMC155a
850-nm Multimode to 1300-nm Single-Mode,
5 km to 28 km
ST to ST
LMC156a-sT
SC to SC
LMC156a-sC
1300-nm Multimode to 1550-nm Single-Mode,
5 km to 85 km
SC to SC
LMC155a-XLH
1300-nm Multimode to 1300-nm Single-Mode,
5 km to 58 km
ST to ST
LMC155a-sT-LH
SC to SC
LMC155a-LH
850-nm Multimode to 1300-nm Single-Mode,
5 km to 50 km
ST to ST
LMC156a-sT-LH
SC to SC
LMC156a-sC-LH
Fiber-to-Fiber Mode Converters for ATM OC-12 LX
1300-nm Multimode to 1300-nm Single Mode,
550 m to 20 km
SC to SC
LMC622a-LH
1300-nm Multimode to 1300-nm Single Mode,
550 m to 5 km
SC to SC
LMC622a
1300-nm Multimode to 1550-nm Single-Mode,
550 m to 50 km
SC to SC
LMC622a-LLH
LMC100A-R2
Item
Code
FlexPoint Media Converter Modules (Continued)
10/100 Rate Converters
1300-nm, Multimode, 2 km
ST
LMC100a-r2
SC
LMC100a-sC-r2
MT-RJ
LMC100a-rJ-r2
1300-nm, Single-Mode, 28 km
ST
LMC100a-sM-r2
SC
LMC100a-sMsC-r2
MT-RJ
LMC100a-sMrJ-r2
1300-nm, Single-Mode, 58 km
SC
LMC100a-sMsC-LH-r2
1550-nm, Single-Mode, 85 km
SC
LMC100a-sMsC-XLH-r2
1550-nm, Single-Mode, 100 km
SC
LMC100a-sMsC-sLH-r2
T1/E1 Copper to Fiber Line Drivers
1310-nm, Multimode, 5 km
ST
MT660a-MM
1310-nm, Single-Mode, 28 km
ST
MT660a-sM
FlexPoint Accessories and Replacement Parts
Power Supply for Power Chassis
115–230 VAC
PsFP200
48 VDC
PsFP20-DC
DC Power Converter, 18-to-72 VDC
Standalone
LMC204a
DC Power Converter
Wallmounting Kit
LMC206a-WaLL-DC
International Power Supply for all
FlexPoint Models (9 V, 1 A)
LMC203a
To install the converter on DIN rails, order…
FlexPoint DIN Rail Mounting Kit
LMC207-DrM
You may also need…
Category 5 Solid-Conductor Cable, 4-Pair,
Straight-Pinned, PVC
eYN556Ms
Duplex Fiber Optic Cable, PVC, ST–ST
eFN110
Single-Mode Duplex Fiber Optic Cable, PVC,
ST–ST
eFN310
T1 Cable, RJ-48/RJ-48, Straight-Pinned
eTNMsr01
LTM215A
MT660A-MM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com