Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC212A-SM-R3 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # LMC212A-SM-R3
Description  FlexPoint Modular Media Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

LMC212A-SM-R3 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  LMC212A-SM-R3 Datasheet HTML 1Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 2Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 3Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 4Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 5Page - Black Box Registered Trademark LMC212A-SM-R3 Datasheet HTML 6Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
724-746-5500
blackbox.com
BLACK BOX®
2 of 6
05/14/2010
#24868
Link different media types together in one local area network.
» More interface choices than any other media
converter system.
» Easy installation—no software required.
» FlexPoint Media Converters work as standalone
or hot-swappable chassis-based media
converters.
» The FlexPoint Power Chassis holds up to 14
media converters and features single or dual
hot-swappable AC or DC power supplies.
FeaTures
FlexPoint™ Modular Media Converters from Black Box provide the
ultimate in flexibility and reliability for your expanding multimedia
LAN. These standalone converters are also chassis-based modules!
Plus, FlexPoint offers you more interface options than any other
media converter system. Your choices include:
• Ethernet
• Gigabit Ethernet
• Token Ring
• UTP
• Single-mode fiber
• Multimode fiber
• Coax
• 10/100 rate converters
• Single-mode to multimode fiber converters
• Long-distance fiber converters
• ATM OC-3
• ATM OC-12
FlexPoint Media Converters make it easy to expand your networks
as your company grows. The incredible variety and versatility of this
system make it ideal for networks that are subject to constant
upgrades and changes.
OVERVIEW
FlexPoint 14-Slot
Power Chassis (LMC200)
FlexPoint Modular Media Converter,
1000BASE-T to 1000BASE-SX,
Multimode, 850-nm, 220 m, SC
(LMC1003A-R3)
FlexPoint Modular Media Converter,
1000BASE-T to 1000BASE-LX,
Single-Mode, 1300-nm,
10 km, SC (LMC1004A-R3)
FlexPoint Modular Media
Converter, 1000BASE-T to
1000BASE-LX, Single-Mode,
1300-nm, 10 km, SC
(LMC1004A-R3)
Gigabit Switch
File Server
Multimode
Fiber Cable
Multimode Fiber Cable
Single-Mode Fiber Cable
Single-Mode Fiber Cable
File Server
10/100 Switch with
Gigabit Fiber Uplink
10/100 Switch with Gigabit Fiber Uplink
10/100 Switch with Gigabit Fiber Uplink
LEDs on each FlexPoint Media Converter display status.
Tailor the system to your requirements: Get the media converters
you need now and use them individually. Then, when your LAN
grows, mount your media converters on the wall, in the 5-Position
Rackmounting Kit, as modules in the Power Chassis, or on a DIN rail.
The Power Chassis holds 14 media converters and a Single or Dual AC
or DC Power Supply.
10BASE-T to BNC
This media converter joins unshielded twisted-pair (UTP) and coax
LANs together to form one network.
For UTP, the 10BASE-T/BNC converter supports Category 3, 4,
and 5 wiring at distances of 328 feet (100 m). This model also corrects
wiring-polarity reversals and eliminates crossed cables with a crossover
switch.
For coax, this converter has a BNC connector that supports
50-ohm cable at up to 607 feet (185 m). And you don’t need
a T-connector—switch-selectable termination is built in.
10BASE-FL to BNC
These 10BASE-FL to 10BASE2 media converters connect a ThinNet
LAN to fiber to form one network.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com