Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF1280A-R47Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRF1280A-R47Y
Description  SRF1280A Series - Dual-Winding Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1280A-R47Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRF1280A-R47Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 2Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 3Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SRF1280A Series - Dual-Winding Shielded Power Inductors
101
Features
■
Multiple applications: parallel, series,
dual-inductor and transformer
■
Magnetically shielded, low radiation
■
Inductance range: 0.47 to 1000 μH
■
Rated current up to 17.9 A
■
AEC-Q200 compliant
■
RoHS compliant* and halogen free**
Applications
■
DC/DC converters
■
Power supplies
■
SEPIC - DC/DC converters
Bourns
Part No.
Parallel Rating
Series Rating
Inductance
@ 100 KHz
L (μH)
Tol.
(%)
DCR
(Ω)
Max.
Irms
(A)
Isat
(A)
Inductance
@ 100 KHz
L (μH)
Tol.
(%)
DCR
(Ω)
Max.
Irms
(A)
Isat
(A)
SRF1280A-R47Y
0.47
± 30
0.0055
17.9
56
1.676
± 30
0.0216
8.94
28
SRF1280A-1R0Y
1.0
± 30
0.0067
15.5
40
3.284
± 30
0.026
7.74
20
SRF1280A-1R5Y
1.5
± 30
0.0076
13.5
31.1
5.428
± 30
0.0306
6.77
15.6
SRF1280A-2R2Y
2.2
± 30
0.0092
12.5
25.5
8.108
± 30
0.0338
6.23
12.7
SRF1280A-3R3Y
3.3
± 30
0.011
10.4
21.5
11.320
± 30
0.04
5.23
10.8
SRF1280A-4R7Y
4.7
± 30
0.0135
8.25
16.5
19.360
± 30
0.05
4.13
8.24
SRF1280A-6R8Y
6.8
± 30
0.0183
7.34
13.3
29.550
± 30
0.0656
3.67
6.67
SRF1280A-8R2Y
8.2
± 30
0.0191
6.32
12.2
35.440
± 30
0.0714
3.16
6.09
SRF1280A-100M
10
± 20
0.0241
6.04
11.2
41.880
± 20
0.0921
3.02
5.6
SRF1280A-150M
15
± 20
0.0333
5.03
9.66
56.360
± 20
0.129
2.51
4.83
SRF1280A-220M
22
± 20
0.0503
4
7.57
91.720
± 20
0.192
2
3.78
SRF1280A-330M
33
± 20
0.0664
3.23
6.22
135.700
± 20
0.265
1.61
3.11
SRF1280A-470M
47
± 20
0.0898
2.95
5.28
188.200
± 20
0.353
1.47
2.64
SRF1280A-680M
68
± 20
0.123
2.44
4.44
265.900
± 20
0.469
1.22
2.22
SRF1280A-820M
82
± 20
0.153
2.09
4.06
319.000
± 20
0.578
1.04
2.03
SRF1280A-101M
100
± 20
0.175
1.96
3.64
397.200
± 20
0.701
0.98
1.82
SRF1280A-151M
150
± 20
0.261
1.59
3.01
579.600
± 20
1.013
0.796
1.51
SRF1280A-221M
220
± 20
0.343
1.29
2.43
886.000
± 20
1.38
0.645
1.22
SRF1280A-331M
330
± 20
0.54
1.04
2.01
1294.000
± 20
2.172
0.522
1.01
SRF1280A-471M
470
± 20
0.865
0.85
1.68
1868.000
± 20
3.3
0.427 0.838
SRF1280A-681M
680
± 20
1.296
0.76
1.39
2707.000
± 20
4.888
0.38
0.697
SRF1280A-821M
820
± 20
1.632
0.65
1.27
3272.000
± 20
5.896
0.325 0.633
SRF1280A-102M
1000
± 20
1.992
0.61
1.14
4020.000
± 20
7.202
0.307 0.571
Electrical Schematic
N2
2
4
N1
1
3
N2
2
4
N1
1
3
N2
2
4
N1
1
3
PARALLEL
SERIES
Recommended Layout
DUAL INDUCTOR MODE
2.15
(.085)
1.28
(.050)
4.50
(.177)
13.00
(.512)
2
3
1
4
SERIES MODE
2.15
(.085)
1.28
(.050)
4.50
(.177)
13.00
(.512)
12
43
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Test Voltage ..................................0.25 V
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Temperature Rise
.......................40 °C typ. at rated
Irms
Inductance drop................... 30 % at Isat
Hi-pot (N1-N2) ................500 Vac/60 Hz,
3 mA, 1 sec
Moisture Sensitivity Level
ESD Classification (HBM)
..................... 1
................. N/A
Materials
General Specifications
Electrical Specifications @ 25 °C
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging.................... 400 pcs. per reel
Product Dimensions
12.50
(.492)
MAX.
MAX.
12.50
(.492)
MAX.
8.00
(.315)
4
3
1
2
1.80 ± 0.2
(.071 ± .008)
5.00 ± 0.3
(.197 ± .012)
5.00 ± 0.3
(.197 ± .012)
DOT
INDICATES
TERMINAL 1
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less; (b)
the Chlorine (Cl) content is 900 ppm or less; and (c)
the total Bromine (Br) and Chlorine (Cl) content is
1500 ppm or less.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the
last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.


Similar Part No. - SRF1280A-R47Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
Dual-Winding Shielded Power Inductors
More results

Similar Description - SRF1280A-R47Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRF1260 BOURNS-SRF1260 Datasheet
359Kb / 2P
SRF1260 Series - Dual-Winding Shielded Power Inductors
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260 BOURNS-SRF1260_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1260A BOURNS-SRF1260A Datasheet
445Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
Dual-Winding Shielded Power Inductors
SRF1280A-R47Y BOURNS-SRF1280A-R47Y Datasheet
479Kb / 3P
Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com