Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRF1280A-R47Y Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRF1280A-R47Y
Description  SRF1280A Series - Dual-Winding Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRF1280A-R47Y Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRF1280A-R47Y Datasheet HTML 1Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 2Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 3Page - Bourns Electronic Solutions SRF1280A-R47Y Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRF1280A Series - Dual-Winding Shielded Power Inductors
Inductance vs. IDC
3.3
4.4
2.2
1.1
0.0
3.38
4.50
2.25
1.13
0.0
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
100.0
0.0
10.0
20.0
30.0
40.0
50.0
0.0
200.0
400.0
600.0
800.0
0.9
1.2
0.6
0.3
0.0
0.28
0.0
0.55
1.10
0.83
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
100.0
0.0
1200.0
300.0
600.0
900.0
0.4
0.2
0.0
0.20
0.0
0.60
0.40
0.80
1.00
0.8
1.0
0.6
IDC (A)
IDC (A)
L @ 25 °C
L @ 125 °C
ΔT @ 25 °C
0.0
20.0
40.0
60.0
80.0
100.0
SRF1280A-102M
SRF1280A-681M
SRF1280A-470M
SRF1280A-102M
SRF1280A-681M
SRF1280A-470M
Temperature Rise vs. IDC
Peak Temperature:
245 °C max.
Time Above 245 °C:
30 sec. max.
Time Above 217 °C:
60 ~ 150 sec. max.
250
0
50
50
200
150
100
+4.0 °C / sec. max.
150~200 °C / 60~120 sec.
+3.0 °C / sec. max.
-(1.0~5.0) °C / sec. max.
Temperature
Rising Area
Preheat Area
Reflow Area
Forced Cooling Area
200
Time (Seconds)
100
150
60 ~ 150 sec.
60 sec. max.
217 °C
60 ~ 120 sec.
250
How to Order
Soldering Profile
SRF1280A - 100M
Model
Value Code (see table)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com