Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBKB455KCLX36-R0 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # CDBKB455KCLX36-R0
Description  Ceramic Discriminators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CDBKB455KCLX36-R0 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  CDBKB455KCLX36-R0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CDBKB455KCLX36-R0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CDBKB455KCLX36-R0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Search Data Sheet
CDBKB455KCLX36-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of CDBKB455KCLX36-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CDBKB455KCLX36-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated10/18/2022
Appearance & Shape
Applications
Other Usage
Communication Equipment
Packaging Information
Packaging
Specifications
Standard
Packing
Quantity
-R0
180mm Embossed Tape
500
Features
Ceramic discriminator consists of a wide bandpiezoelectric
resonator. It is ideal for mobile communications equipment due to
its small size and light weight. Standard line includes products for
a wide range of applications, from cordless telecom to cellular
telephone. Practically adjustment free at the detection circuit, small
size is suitable for downsizing.
Features
1. Small in size and light weight
2. Adjustment free at detection circuit
3. High sensitivity and stability
4. Wide range of standard products are available for various ICs.
5. Operating temperature range: -20 to +80 (°C), Storage
temperature range: -40 to +85 (°C)
1 of 3


Similar Part No. - CDBKB455KCLX36-R0_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDBKB455KCLX36-R0 MURATA-CDBKB455KCLX36-R0 Datasheet
198Kb / 3P
Operating Temperature Range
More results

Similar Description - CDBKB455KCLX36-R0_V01

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
20756 ANAREN-20756 Datasheet
503Kb / 1P
Phase Discriminators
logo
Murata Manufacturing Co...
CFULA455KB2A-B0 MURATA-CFULA455KB2A-B0 Datasheet
224Kb / 16P
Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
AM Ceramic Discriminators
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
AM Ceramic Discriminators for Surface Mounting
logo
Token Electronics Indus...
JT10.7MG3AP TOKEN-JT10.7MG3AP Datasheet
324Kb / 4P
JT10.7M Ceramic Discriminators for FM
JTC455C24TR TOKEN-JTC455C24TR Datasheet
287Kb / 2P
JTC Chip Ceramic Discriminators
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
JTCV10.7M Chip Ceramic Discriminators
JTM455C24P TOKEN-JTM455C24P Datasheet
275Kb / 2P
JTM Ceramic Discriminators
logo
Murata Manufacturing Co...
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
Ceramic Discriminators for Communications Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com