Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBKB455KCLX36-R0 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # CDBKB455KCLX36-R0
Description  Ceramic Discriminators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

CDBKB455KCLX36-R0 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  CDBKB455KCLX36-R0_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd CDBKB455KCLX36-R0_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd CDBKB455KCLX36-R0_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CDBKB455KCLX36-R0
Note: This datasheet may be out of date.
Please download the latest datasheet of CDBKB455KCLX36-R0 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=CDBKB455KCLX36-R0
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated10/18/2022
Specifications
Operating Temperature
Range
-20
℃ to 80℃
Shape
SMD
Center Frequency
455.0kHz
Nominal Center Value
Yes
Recovered Audio 3dB BW
fn±13.0kHzmin.
Distortion(max.)
2.5
%
Area of Distortion
2.5%max.(at fn)
Distortion(max.)(2)
5
%
Area of Distortion(2)
[within fn ±6kHz]
Recovered Audio Output
90mV±30
IC
NE(SA)606/NE(SA)616
IC Maker
PHILIPS
Mass
300mg
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com