Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV791 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV791
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV791 Datasheet(HTML) 1 Page - STMicroelectronics

  TSV791 Datasheet HTML 1Page - STMicroelectronics TSV791 Datasheet HTML 2Page - STMicroelectronics TSV791 Datasheet HTML 3Page - STMicroelectronics TSV791 Datasheet HTML 4Page - STMicroelectronics TSV791 Datasheet HTML 5Page - STMicroelectronics TSV791 Datasheet HTML 6Page - STMicroelectronics TSV791 Datasheet HTML 7Page - STMicroelectronics TSV791 Datasheet HTML 8Page - STMicroelectronics TSV791 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
•
Gain bandwidth product 20 MHz, unity gain stable
•
Low input offset voltage: 50 µV typ., 200 µV max.
•
Low input bias current: 2 pA typ.
•
Low noise: 7 nV/√Hz
•
Slew rate: 13 V/µs
•
Wide supply voltage range: 2.0 V to 5.5 V
•
Rail-to-rail input and output
•
4 kV HBM ESD tolerance
•
Input common-mode range includes low rail
•
Extended temperature range: -40 °C to +125 °C
•
Automotive grade versions available
•
Benefits:
–
Accuracy of measurement virtually unaffected by noise or input bias current
–
Signal conditioning for high frequencies
Applications
•
High bandwidth low-side and high-side current sensing
•
Photodiode amplifiers
•
A/D converters input buffers
•
Power management in solar powered systems
•
Automotive high bandwidth signal conditioning
•
Active filters
Description
The TSV771 and TSV772 are a single and dual 20 MHz-bandwidth unity-gain-stable
amplifier. The rail-to-rail input stage and the slew rate of 10.5 V/µs make the
TSV771 and TSV772 ideal for low-side current measurement. The excellent accuracy
provided by maximum input voltage of 200 µV allows amplifying accurately small-
amplitude input signal.
The TSV771 and TSV772 can operate from a 2.0 V to 5.5 V single supply and is fully
characterized for an output capacitor of 47 pF, therefore allowing easy usage as A/D
converters input buffer.
Maturity
status link
Package
TSV771
1
SOT23-5
1
•
SOT23-5
TSV772
2
DFN8
2
MiniSO8
2
SO8
2
•
MiniSO8
2
•
SO8
Related products
TSV7721,
TSV7722
Low rail 22 MHz amplifier
TSV791,
TSV792
Rail-to-rail amplifier with
higher GBW 50 MHz
High bandwidth (20 MHz) low offset (200 µV) rail-to-rail 5 V Op Amp
TSV771, TSV772
Datasheet
DS13842 - Rev 3 - June 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSV791

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV791 STMICROELECTRONICS-TSV791 Datasheet
5Mb / 36P
High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
Rev 1 - November 2020
TSV791ILT STMICROELECTRONICS-TSV791ILT Datasheet
5Mb / 36P
High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
Rev 1 - November 2020
TSV791ILT STMICROELECTRONICS-TSV791ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
TSV791IYLT STMICROELECTRONICS-TSV791IYLT Datasheet
5Mb / 36P
High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
Rev 1 - November 2020
More results

Similar Description - TSV791

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281_08 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
logo
Texas Instruments
OPA990 TI1-OPA990 Datasheet
1Mb / 33P
40-V rail-to-rail input/output, low offset voltage, low power op amp
TLV9152 TI1-TLV9152 Datasheet
1Mb / 37P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
TLV9151 TI-TLV9151_V04 Datasheet
5Mb / 72P
TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
logo
STMicroelectronics
TSV792 STMICROELECTRONICS-TSV792 Datasheet
5Mb / 36P
High bandwidth (50 MHz) low offset (200 μV) rail-to-rail 5 V op-amp
Rev 1 - November 2020
TSV7721 STMICROELECTRONICS-TSV7721 Datasheet
4Mb / 40P
High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
Rev 3 - May 2021
logo
Texas Instruments
TLV9161 TI-TLV9161 Datasheet
5Mb / 67P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
DECEMBER 2021
TLV9161 TI-TLV9161_V01 Datasheet
4Mb / 69P
TLV916x 16-V, 11-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
REVISED AUGUST 2022
logo
STMicroelectronics
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com