Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV791 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSV791
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV791 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSV791 Datasheet HTML 17Page - STMicroelectronics TSV791 Datasheet HTML 18Page - STMicroelectronics TSV791 Datasheet HTML 19Page - STMicroelectronics TSV791 Datasheet HTML 20Page - STMicroelectronics TSV791 Datasheet HTML 21Page - STMicroelectronics TSV791 Datasheet HTML 22Page - STMicroelectronics TSV791 Datasheet HTML 23Page - STMicroelectronics TSV791 Datasheet HTML 24Page - STMicroelectronics TSV791 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Also, some designs use an input resistor on the positive input, generally of the same value than the input
resistance on the negative input. This resistor can be useful to balance the input currents on the positive and
negative inputs, and reduce the impact of those input currents on precision. However, this is not useful on the
TSV772 as the input currents are very low. Furthermore, this resistor can also interact with the input capacitances
to generate a pole. The frequency of this pole should be kept higher than the closed-loop bandwidth frequency.
The macromodel provided takes into account the circuit parasitic capacitors. Thus, a transient SPICE simulation
(100 mV step) is an easy way to evaluate the stability of the application. However, this cannot replace a hardware
evaluation of the application circuit.
5.8
Settling time
Settling time in an application can be defined as the amount of time between the input changes, and the output
reaching its final value. It is usually defined with a given tolerance, so the output stability is reached when
the output stays within the given range around the final value. In Figure 30 and Figure 31, the settling time is
measured in an inverting configuration, using the so-called “false summing node” circuit.
Figure 47. Settling time measurement configuration
This circuit is used with a step input voltage from a positive or negative value, to 0 V. The measurement point
being (Vin + Vout) / 2, and Vout being in an ideal circuit equal to Vin; the measurement point gives half of the
error on Vout, comparatively to Vin. This error is compared to the tolerance, 0.1% for this circuit, to deduce the
settling time. This characteristic is particularly useful when driving an ADC. It is related to the slew rate, GBP and
stability of the circuit. It also varies with the circuit gain, the circuit load, and the input voltage step value. However,
computing the value of the settling time in a given configuration is not straightforward. The macromodel can give a
good estimation, but prototyping can be needed for fine circuit optimization.
5.9
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the amplifier, load, and power
supply. The power and ground traces are critical as they must provide adequate energy and grounding for
all circuits. The best practice is to use short and wide PCB traces to minimize voltage drops and parasitic
inductance. In addition, to minimizing parasitic impedance over the entire surface, a multi-via technique that
connects the bottom and top layer ground planes together in many locations is often used. The copper traces that
connect the output pins to the load and supply pins should be as wide as possible to minimize trace resistance.
5.10
Decoupling capacitor
In order to ensure op amp full functionality, it is mandatory to place a decoupling capacitor of at least 22 nF as
close as possible to the op amp supply pins. A good decoupling helps to reduce electromagnetic interference
impact.
TSV771, TSV772
Settling time
DS13842 - Rev 3
page 21/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com