Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV792 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSV792
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV792 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSV792 Datasheet HTML 11Page - STMicroelectronics TSV792 Datasheet HTML 12Page - STMicroelectronics TSV792 Datasheet HTML 13Page - STMicroelectronics TSV792 Datasheet HTML 14Page - STMicroelectronics TSV792 Datasheet HTML 15Page - STMicroelectronics TSV792 Datasheet HTML 16Page - STMicroelectronics TSV792 Datasheet HTML 17Page - STMicroelectronics TSV792 Datasheet HTML 18Page - STMicroelectronics TSV792 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Figure 27. Phase margin vs. capacitive load
Figure 28. Small step response at VCC = 5 V
Figure 29. Small step response at VCC = 2 V
Figure 30. Desaturation from low rail at VCC = 5 V
Figure 31. Desaturation from high rail at VCC = 5 V
Figure 32. Settling time output high to low at VCC = 5 V
TSV771, TSV772
Typical performance characteristics
DS13842 - Rev 3
page 15/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com