Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV792 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TSV792
Description  High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV792 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TSV792 Datasheet HTML 24Page - STMicroelectronics TSV792 Datasheet HTML 25Page - STMicroelectronics TSV792 Datasheet HTML 26Page - STMicroelectronics TSV792 Datasheet HTML 27Page - STMicroelectronics TSV792 Datasheet HTML 28Page - STMicroelectronics TSV792 Datasheet HTML 29Page - STMicroelectronics TSV792 Datasheet HTML 30Page - STMicroelectronics TSV792 Datasheet HTML 31Page - STMicroelectronics TSV792 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Contents
1
Pin description ....................................................................2
1.1
TSV771 single operational amplifier ............................................... 2
1.2
TSV772 dual operational amplifier ................................................ 2
2
Absolute maximum ratings and operating conditions ..............................4
3
Electrical characteristics...........................................................5
4
Typical performance characteristics ..............................................11
5
Application information ...........................................................18
5.1
Operating voltages ............................................................ 18
5.2
Input offset voltage drift over the temperature ...................................... 18
5.3
Unused channel .............................................................. 18
5.4
EMI rejection ................................................................. 19
5.5
Maximum power dissipation..................................................... 19
5.6
Capacitive load and stability .................................................... 20
5.7
Resistor values for high speed op amp design ..................................... 20
5.8
Settling time .................................................................. 21
5.9
PCB layout recommendations ................................................... 21
5.10
Decoupling capacitor .......................................................... 21
5.11
Macro model ................................................................. 22
6
Typical applications ..............................................................23
6.1
Low-side current sensing ....................................................... 23
6.2
Photodiode transimpedance amplification ......................................... 23
7
Package information..............................................................25
7.1
SOT23-5 package information................................................... 25
7.2
DFN8 2x2 package information ................................................. 26
7.3
SO8 package information....................................................... 28
8
Ordering information .............................................................29
Revision history .......................................................................30
TSV771, TSV772
Contents
DS13842 - Rev 3
page 31/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com