Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3296W Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3296W
Description  10횞9.5 Square/Multiturn/Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3296W Datasheet(HTML) 1 Page - DB Lectro Inc

  3296W Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
100
200
500
101
201
501
102
202
502
103
203
253
503
104
204
Electrical Characteristics
Standard Resistance Range..................50Ω~
2MΩ
Resistance
Tolerance.....................................±10%
Absolute Minimum Resistance..............≤1%或
10Ω
Contact Resistance Variation..........CRV≤3%或
5Ω
Insulation Resistance................R1≥1GΩ
(100Vac)
Withstand
Voltage.......................................640Vac
Effective Travel..................................28 rurns nom
Environmental Characteristics
Power Rating, 315 volts max
........................................0.5W@70
℃,OW@125℃
Temperature Range..........................-55
℃~
125
℃
Temperature Coefficient......................±250ppm/
℃
Temperature Variation............-
55
℃,30min,+125℃
.........................................................30min 5cycles
................................
△R≤5%R,△(Uab/Uac)≤5%
Vibration.............................10~
500Hz,0.75mm,6h,
.............................
△R≤5%R,△(Uab/Uac)≤7.5%
Collision................390m/s2,4000cycles,△R≤5%R
Electrical Endurance at
70
℃...............0.5W@70℃
.......................1000h,
△R≤10%R,CRV≤3% or 5Ω
10×9.5 Square/Multiturn/Trimming Potentiometer
-- 3296W--
...
Install dimension...........................
...
Mutual dimension...........................
250,000
500,000
1,000,000
2,000,000
254
504
105
205
Special resistances available
 
How To Order
3296----W--------103
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 3296W

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296W BOURNS-3296W Datasheet
183Kb / 2P
Square Trimpot Trimming Potentiometer Tape and reel packaging available
logo
Vatronics Technologies ...
3296W VATRONICS-3296W Datasheet
74Kb / 3P
9mm Square Multi-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3296W-1-100 BOURNS-3296W-1-100 Datasheet
183Kb / 2P
3296 - 3/8 ??Square Trimpot짰 Trimming Potentiometer
3296W-1-100ALF BOURNS-3296W-1-100ALF Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
3296W-1-100LF BOURNS-3296W-1-100LF Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
More results

Similar Description - 3296W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3266P DBLECTRO-3266P Datasheet
200Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266W DBLECTRO-3266W Datasheet
205Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266X DBLECTRO-3266X Datasheet
201Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266Y DBLECTRO-3266Y Datasheet
202Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266Z DBLECTRO-3266Z Datasheet
202Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3296X DBLECTRO-3296X Datasheet
205Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3296Y DBLECTRO-3296Y Datasheet
204Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3296Z DBLECTRO-3296Z Datasheet
209Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com