Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC22C12 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C12
Description  AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C12 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AMC22C12 Datasheet HTML 28Page - Texas Instruments AMC22C12 Datasheet HTML 29Page - Texas Instruments AMC22C12 Datasheet HTML 30Page - Texas Instruments AMC22C12 Datasheet HTML 31Page - Texas Instruments AMC22C12 Datasheet HTML 32Page - Texas Instruments AMC22C12 Datasheet HTML 33Page - Texas Instruments AMC22C12 Datasheet HTML 34Page - Texas Instruments AMC22C12 Datasheet HTML 35Page - Texas Instruments AMC22C12 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
8.2.3 Application Curves
Figure 8-3 shows the typical response of the AMC22C12-Q1 to a bipolar, triangular input waveform with an
amplitude of 720 mVPP. The output (OUT) switches when VIN crosses the ±250-mV level determined by the
REF pin voltage that is biased to 250 mV in this example.
Figure 8-3. Output Response of the AMC22C12-Q1 to a Triangular Input Waveform
The integrated LDO of the AMC22C12-Q1 greatly relaxes the power-supply requirements on the high-voltage
side and allows powering the device from non-regulated transformer, charge pump, and bootstrap supplies. As
given by the following images, the internal LDO provides a stable operating voltage to the internal circuitry,
allowing the trip thresholds to remain mostly undisturbed even at ripple voltages of 2 VPP and higher.
VDD1 Ripple Voltage (VPP)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D063a
VDD1 = 5 V
VDD1 = 10 V
Figure 8-4. Trip Threshold Sensitivity to VDD1
Ripple Voltage (Cmp0, fRIPPLE = 10 kHz)
VDD1 Ripple Voltage (VPP)
0
1
2
3
4
5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D063b
VDD1 = 5 V
VDD1 = 10 V
Figure 8-5. Trip Threshold Sensitivity to VDD1
Ripple Voltage (Cmp1, fRIPPLE = 10 kHz)
AMC22C12-Q1
SBASAJ9A – JUNE 2022 – REVISED AUGUST 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC22C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com