Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC22C12 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C12
Description  AMC22C12-Q1 Automotive, Fast Response, Basic Isolated Window Comparator With Adjustable Threshold and Latch Function
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C12 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC22C12 Datasheet HTML 9Page - Texas Instruments AMC22C12 Datasheet HTML 10Page - Texas Instruments AMC22C12 Datasheet HTML 11Page - Texas Instruments AMC22C12 Datasheet HTML 12Page - Texas Instruments AMC22C12 Datasheet HTML 13Page - Texas Instruments AMC22C12 Datasheet HTML 14Page - Texas Instruments AMC22C12 Datasheet HTML 15Page - Texas Instruments AMC22C12 Datasheet HTML 16Page - Texas Instruments AMC22C12 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
6.13 Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V (unless otherwise noted)
VDD1 (V)
0
5
10
15
20
25
30
246
247
248
249
250
251
252
253
254
255
256
D020b
Device 1, VIT+
Device 2, VIT+
Device 3, VIT+
Device 1, VIT−
Device 2, VIT−
Device 3, VIT−
VREF = 250 mV
Figure 6-11. Cmp0 Trip Threshold vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
246
247
248
249
250
251
252
253
254
255
256
D021b
Device 1, VIT+
Device 2, VIT+
Device 3, VIT+
Device 1, VIT−
Device 2, VIT−
Device 3, VIT−
VREF = 250 mV
Figure 6-12. Cmp0 Trip Threshold vs Temperature
VDD1 (V)
0
5
10
15
20
25
30
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D020e
Device 1, EIT+
Device 2, EIT+
Device 3, EIT+
Device 1, EIT−
Device 2, EIT−
Device 3, EIT−
VREF = 250 mV
Figure 6-13. Cmp0 Trip Threshold Error vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
D021e
Device 1, EIT+
Device 2, EIT+
Device 3, EIT+
Device 1, EIT−
Device 2, EIT−
Device 3, EIT−
VREF = 250 mV
Figure 6-14. Cmp0 Trip Threshold Error vs Temperature
VDD1 (V)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
D024b
Device 1
Device 2
Device 3
VREF = 250 mV
Figure 6-15. Cmp0 Trip Threshold Hysteresis vs Supply Voltage
Temperature (
C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
1
2
3
4
5
6
D025b
Device 1
Device 2
Device 3
VREF = 250 mV
Figure 6-16. Cmp0 Trip Threshold Hysteresis vs Temperature
www.ti.com
AMC22C12-Q1
SBASAJ9A – JUNE 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC22C12-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com