Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 266 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 266 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 262Page - Texas Instruments AM6548 Datasheet HTML 263Page - Texas Instruments AM6548 Datasheet HTML 264Page - Texas Instruments AM6548 Datasheet HTML 265Page - Texas Instruments AM6548 Datasheet HTML 266Page - Texas Instruments AM6548 Datasheet HTML 267Page - Texas Instruments AM6548 Datasheet HTML 268Page - Texas Instruments AM6548 Datasheet HTML 269Page - Texas Instruments AM6548 Datasheet HTML 270Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 284 page
background image
9.2.8 External Capacitors
Figure 9-6 shows an example of the external decoupling capacitor connections.
Device
VDD_MPU1
VDD_MPU0
VDD_CORE
VDDA_ADC_MCU
VDDA_3P3_IOLDO_WKUP
VDDSHV0_WKUP
VDDSHV1_WKUP
VDDSHV2_WKUP
VDDA_LDO_WKUP
VDDA_1P8_OLDI0
VDDA_1P8_CSI0
VDDS_OSC1
VDDA_1P8_SERDES0
VDDA_3P3_USB
VDDA_PLL0_DDR
VDDA_PLL1_DDR
VDDA_PLL_CORE
VDDA_PLL_PER0
VDDA_PLL_DSS
VDDA_SRAM_CORE0
VDDA_SRAM_CORE1
VDDA_PLL_MPU0
VDDA_SRAM_MPU0
VDDA_PLL_MPU1
VDDA_SRAM_MPU1
VDDS_DDR
VDDA_3P3_IOLDO0
VDDA_3P3_IOLDO1
VDDSHV0
VDDSHV1
VDDSHV2
VDDSHV3
VDDSHV4
VDDSHV5
VDDSHV6
VDDSHV8
VPP_CORE
VDDA_MCU
SRAM LDO
I/O Bias LDO
I/O Bias LDO
SRAM LDO
SRAM LDO
SRAM LDO
SRAM LDO
SRAM LDO
SRAM LDO
SRAM LDO
SRAM LDO
PCIE0
USB1 (1.8V)
USB0 (3.3V)
USB1 (3.3V)
PCIE1
USB0 (1.8V)
WKUP LDO
LF OSC
HF OSC
SRAM LDO
VDDS1_WKUP
VDDA_POR_WKUP
MCU PLL
SRAM LDO
CPSW PLL
I/O Bias LDO
VDDS2_WKUP
VDDS1
VDDS2
VDDS8
VDDS0
VDDS3
VDDS4
VDDS5
VDDS6
VDD_MCU
VDDA_WKUP
VDDA_DLL_MMC0
VDDA_DLL_MMC1
Compute
Cluster
CORE
A53
MSMC
MCU
Domain
Wakeup
Domain
Main
Domain
VPP_MCU
SPRSP08 DECOUPLING CAPS_01
_
_
(1)
(1)
(1)
(1)
(1)
(1)
(1)(3)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)(3)
(1)
(1)
(1)
VDDS0_WKUP(1)
(1)
(1)
(1)
VDD_WKUP0
VDD_WKUP1
(2)
(2)
CAP_VDDAR_MCU
CAP_VDDAR_CORE0
CAP_VDDAR_CORE1
CAP_VDDAR_CORE2
CAP_VDDAR_CORE3
CAP_VDDAR_MPU0_0
CAP_VDDAR_MPU0_1
CAP_VDDAR_CORE4
CAP_VDDAR_MPU1_0
CAP_VDDAR_MPU1_1
CAP_VDDA_1P8_IOLDO0
CAP_VDDA_1P8_IOLDO1
CAP_VDDA_1P8_IOLDO_WKUP
CAP_VDDAR_WKUP
CAP_VDD_WKUP
VDDSHV7(1)(3)
VDDS7(1)(3)
VDDA_3P3_SDIO
VDDA_1P8_SDIO
MMCSD
CAP_VDDA_1P8_SDIO
CAP_VDDSHV_SDIO
SDIO LDO
Figure 9-6. External Decoupling Capacitor Connections
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
266
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com