Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6548 Datasheet(PDF) 270 Page - Texas Instruments

Click here to check the latest version.
Part # AM6548
Description  AM654x, AM652x Sitara™ Processors Silicon Revision 2.1
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6548 Datasheet(HTML) 270 Page - Texas Instruments

Back Button AM6548 Datasheet HTML 266Page - Texas Instruments AM6548 Datasheet HTML 267Page - Texas Instruments AM6548 Datasheet HTML 268Page - Texas Instruments AM6548 Datasheet HTML 269Page - Texas Instruments AM6548 Datasheet HTML 270Page - Texas Instruments AM6548 Datasheet HTML 271Page - Texas Instruments AM6548 Datasheet HTML 272Page - Texas Instruments AM6548 Datasheet HTML 273Page - Texas Instruments AM6548 Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 284 page
background image
SPRSP08 DECOUPLING CAPS_06
_
_
Device
VDDA_3P3_SDIO
VDDA_1P8_SDIO
VDDSHVn
VDDSn
MMCSD
(1)
(1)
CAP_VDDA_1P8_SDIO
CAP_VDDSHV_SDIO
SDIO LDO
VSS
VSS
1.8V
Figure 9-10. VDDSHV6 or VDDSHV7 Used as the MMCSD Supply for Fixed 1.8V IO
SPRSP08 DECOUPLING CAPS_07
_
_
Device
VDDA_3P3_SDIO
VDDA_1P8_SDIO
VDDSn
MMCSD
VDDSHVn (1)
(1)
CAP_VDDA_1P8_SDIO
CAP_VDDSHV_SDIO
SDIO LDO
3.3V
Figure 9-11. VDDSHV6 or VDDSHV7 Used as the MMCSD Supply for Fixed 3.3V IO
Device
VDDA_3P3_SDIO
VDDA_1P8_SDIO
VDDSHVn
VDDSn
MMCSD
SPRSP08 DECOUPLING CAPS_05
_
_
(1)
(1)
3.3V
CAP_VDDA_1P8_SDIO
CAP_VDDSHV_SDIO
SDIO LDO
Figure 9-12. VDDSHV6 or VDDSHV7 Used as the MMCSD Supply for Dynamic 3.3V/1.8V IO
9.2.9 Thermal Solution Guidance
The Thermal Design Guide for DSP and Arm Application Processors Application Note provides guidance for
successful implementation of a thermal solution for system designs containing this device. This document
AM6548, AM6528, AM6546, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
270
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6546 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com