Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRM Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # ASRM
Description  Anti-Surge Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ASRM Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  ASRM Datasheet HTML 1Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 2Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 3Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 4Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 5Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 6Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 7Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 8Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev Date: 06/30/2021
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ASR / ASRM Series
Anti-Surge Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Surge Withstanding Voltage - ASR
Anti-Surge Characteristics
Performance Characteristics (cont.)
Surge Withstanding Voltage - ASRM
Test
Test Specification
Test Condition
Change of resistance
≤ ± (10% + 0.05 Ω)
Change of resistance
≤ ± (5% + 0.05 Ω)
Discharge from 0.01 µF capacitor for 10 times every 5 seconds.
The discharge voltage is shown in Surge Withstanding Voltage table.
Discharge from 1 nF capacitor for 50 times every 5 seconds.
The discharge voltage is shown in Surge Withstanding Voltage table.
Anti-Surge
Characteristics 1
Anti-Surge
Characteristics 2
Test
Test Specification
Test Condition
Operating temperature range is - 55°C to + 155°C
At 70 ± 2ºC, apply rated DC voltage 1.5 ON, 0.5 hour OFF for 1000 hours and
leave in room temperature for one hour after test.
Change of resistance
≤ ± (5% + 0.05 Ω)
Endurance at 70ºC
The resistor shall be subjected to 5 continuous cycle,
each as shown in the table below:
Change of resistance
≤ ± (1% + 0.05 Ω)
Rapid Change of
Temperature
Apply 1.5 mm amplitude vibration to three directions perpendicular to each other
2 hours each, total 6 hours. Vibrating frequency is 10 Hz - 55 Hz - 10 Hz cycle in
1 minute sweeping and repeat cycle
Change of resistance
≤ ± (1% + 0.05 Ω)
Vibration
Change of resistance
≤ ± (5% + 0.05 Ω)
Damp Heat,
Steady State
In the chamber having temperature of 40 ± 2ºC and relative humidity of
93 ± 3%, apply one percent of the rated power, 1.5 hour ON, 0.5 hour OFF
for 1000 hours and leave in room temperature for one hour after test.
Type/Code
Resistance Range (Ω)
Surge Withstanding (KV)
3.3 - 510K
1
560K - 33M
3
3.3 - 510K
5
560K - 100M
10
Reference standards: JIS C 5201-1, IEC60115-1, IEC60065, UL1676
ASR14
ASR1
Type/Code
Resistance Range (Ω)
Surge Withstanding (KV)
ASRM14
100K - 22M
2
3.3 - 510K
5
560K - 33M
10
3.3 - 510K
5
560K - 100M
10
3.3 - 510K
5
560K - 100M
10
ASRM12
ASRM1
ASRM2
Reference standards: JIS C 5201-1, IEC60115-1, IEC60065, UL1676



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com