Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRM Datasheet(PDF) 8 Page - Stackpole Electronics, Inc.

Part # ASRM
Description  Anti-Surge Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ASRM Datasheet(HTML) 8 Page - Stackpole Electronics, Inc.

  ASRM Datasheet HTML 1Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 2Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 3Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 4Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 5Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 6Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 7Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 8Page - Stackpole Electronics, Inc. ASRM Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev Date: 06/30/2021
8
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ASR / ASRM Series
Anti-Surge Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
(1)
(2)
Dimension "E":
The given dimension "D" expresses the standard width spacing. A 26mm narrow spacing is available as option "N" packaging code.
The distance between flanges shall be 0.059 inches (1.50 mm) to 0.315 (8.00 mm) greater than the overall component.
Reference value only. The "A" dimension shall be governed by the overall length of the taped component.
Range of diameters is from 0.547 inches (13.90 mm) to 1.500 inches (38.10 mm).
This is a non-critical dimension that does not have a tolerance in the standard.
Reeled in accordance with EIA-296-F
Packaging Specifications – Tape and Reel
Taping Specifications – Ammo
Series
Size (W)
Tape
Unit
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00
6.35
mm
3.189 ± 0.118
11.811 ± 0.197
0.394 ± 0.020
2.480
0.250
inches
81.00 ± 3.00
300.00 ± 5.00
10.00 ± 0.50
63.00
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00
6.35
mm
2.756 ± 0.118
11.811 ± 0.197
0.197 ± 0.020
2.047
0.250
inches
70.00 ± 3.00
300.00 ± 5.00
5.00 ± 0.50
52.00
6.35
mm
3.189 ± 0.118
11.811 ± 0.197
0.394 ± 0.020
2.480
0.250
inches
81.00 ± 3.00
300.00 ± 5.00
10.00 ± 0.50
63.00
6.35
mm
2
+0.079/-0.039
+2.00/-1.00
1
+0.079/-0.039
+2.00/-1.00
1/4
+0.079/-0.039
+2.00/-1.00
1/2
+0.079/-0.039
+2.00/-1.00
ASR
A max
.(1)
1
+0.079/-0.039
+2.00/-1.00
C
D
(2)
+0.079/-0.039
+2.00/-1.00
1/4
B max
ASRM
Series
Tape
Unit
0.197 ± 0.020
2.047
0.250
inches
5.00 ± 0.50
52.00
6.35
mm
0.394 ± 0.020
2.047
0.250
inches
10.00 ± 0.50
52.00
6.35
mm
C
D
+0.079/-0.039
+2.00/-1.00
ASR1, ASRM2
+0.079/-0.039
+2.00/-1.00
ASR/ASRM All sizes
(except ASR1, ASRM2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com