Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNL Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSNL
Description  Metal Plate Current Sensing Chip Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSNL Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSNL Datasheet HTML 1Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 2Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 3Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 4Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev Date: 4/18/2022
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL2512…-3W
Metal Plate Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
High power current sense resistor
•
Resistances down to
0.0002Ω
•
“-3W” special 3W power rating
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
•
AEC-Q200 compliant
Electrical Specifications
Performance Characteristics
Mechanical Specifications
Test Item
Test Method
Procedure
Requirements
Temperature Coefficient of
Resistance (TCR)
JIS-C-5201-1 4.8
IEC-60115-1 4.8
At 25ºC/+125ºC, 25ºC is the reference temperature
Refer to Electrical
Specifications table
Short Time Overload
JIS-C-5201-1 4.13
IEC-60115-1 4.13
The number of rated power is 5 times of rated power for 5
seconds
∆ R/R1 ≤ ± 1%
High Temperature Exposure
JIS-C-5201-1 4.25
IEC 60068-2-2
At 170ºC for 1000 hours
∆ R/R1 ≤ ± 1%
Resistance to Soldering Heat
JIS-C-5201-1 4.18
IEC-60115-1 4.18
260ºC ± 5ºC for 10 seconds
∆ R/R1 ≤ ± 0.5%
Temperature Cycling
JESD22
Method JA-104
1000 cycles (-55ºC to +155ºC)
Measurement at 24 ± 4 hours after test conclusion.
30 minutes maximum dwell time at each temperature extreme
∆ R/R1 ≤ ± 1%
Biased Humidity
MIL-STD-202
Method 103
1000 hours; 85ºC/85% RH, 10% of operating power.
Measurement at 24 ± 4 hours after test conclusion.
∆ R/R1 ≤ ± 1%
Load Life
(Endurance)
JIS-C-5201-1 4.25
IEC-60115-1 4.25.1
70ºC ± 2ºC, RCWV or max. working voltage
whichever is less for 1000 hours with
1.5 hours "ON" and 0.5 hour "OFF"
∆ R/R1 ≤ ± 1%
Type/Code
Ohmic Value (Ω)
Unit
0.049 ± 0.010
0.094 ± 0.010
inches
1.25 ± 0.25
2.40 ± 0.25
mm
0.049 ± 0.010
0.100 ± 0.010
inches
1.25 ± 0.25
2.55 ± 0.25
mm
0.250 ± 0.010
0.122 ± 0.010
0.049 ± 0.010
0.067 ± 0.010
inches
6.35 ± 0.25
3.10 ± 0.25
1.25 ± 0.25
1.70 ± 0.25
mm
0.026 ± 0.010
0.055 ± 0.010
inches
0.65 ± 0.25
1.40 ± 0.25
mm
0.014 ± 0.010
0.055 ± 0.010
inches
0.35 ± 0.25
1.40 ± 0.25
mm
(*) No marking.
CSNL2512_-3W
L
W
H
T
0.0002(*)
0.0005
0.001
0.002
0.0003
Ohmic Range (Ω) and Tolerance
1%, 5%
122.47
273.86
± 175
0.0002
100
223.6
± 150
0.0003
77.46
173.20
± 75
0.0005
54.77
122.47
± 50
0.001, 0.002
Max. Overload Current
(A)
TCR
(ppm/ºC)
CSNL2512_-3W
3
Type/Code
Power Rating (W)
@ 70ºC
Max. Rating Current
(A)


Similar Part No. - CSNL

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
logo
Honeywell Solid State E...
CSNL111 HONEYWELL-CSNL111 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
Stackpole Electronics, ...
CSNL1206 SEI-CSNL1206 Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
CSNL1206FT10L0 SEI-CSNL1206FT10L0 Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
More results

Similar Description - CSNL

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
metal plate current sense resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
List of Unclassifed Man...
CSM0603 ETC2-CSM0603 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
metal plate current sense resistor
logo
CTS Corporation
008-0336-0 CTS-008-0336-0 Datasheet
166Kb / 3P
Current Sensing Resistors ??Metal Plate
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com