Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNL Datasheet (PDF) - Stackpole Electronics, Inc.

CSNL Datasheet PDF - Stackpole Electronics, Inc.
Part # CSNL
Download  CSNL Download
File Size   361.83 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Metal Plate Current Sensing Chip Resistor

CSNL Datasheet (PDF)

Go To PDF Page Download Datasheet
CSNL Datasheet PDF - Stackpole Electronics, Inc.

Part # CSNL
Download  CSNL Click to download

File Size   361.83 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Metal Plate Current Sensing Chip Resistor

CSNL Datasheet (HTML) - Stackpole Electronics, Inc.


CSNL Product details

Features:
• Metal element current sensing resistor
• High power current sense resistor
• TCR of ±50 ppm/C
• Resistances down to 0.0005 (1/2mΩ)
• Current handling up to 63 amps
• Non-standard resistance values available
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
• For CSNL2512 with power rating of 3W, see SEI-CSNL2512-3W




Similar Part No. - CSNL

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
327Kb / 5P
Metal Plate Current Sensing Chip Resistor
4/18/2022
logo
Honeywell Solid State E...
CSNL111 HONEYWELL-CSNL111 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
logo
List of Unclassifed Man...
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
Honeywell Solid State E...
CSNL121 HONEYWELL-CSNL121 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
CSNL131 HONEYWELL-CSNL131 Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
More results


Similar Description - CSNL

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73M1 CTS-73M1 Datasheet
141Kb / 2P
Metal Plate Current Sensing Resistors
logo
KOA Speer Electronics, ...
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
metal plate current sense resistor
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
Metal plate current sense resistor
logo
List of Unclassifed Man...
CSM0603 ETC2-CSM0603 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
CSNL1206 ETC2-CSNL1206 Datasheet
115Kb / 3P
Metal Foil Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
metal plate current sense resistor
logo
CTS Corporation
008-0336-0 CTS-008-0336-0 Datasheet
166Kb / 3P
Current Sensing Resistors ??Metal Plate
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSM SEI-CSM Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
CSNL2512-3W SEI-CSNL2512-3W Datasheet
327Kb / 5P
Metal Plate Current Sensing Chip Resistor
4/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com