Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNL Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # CSNL
Description  Metal Plate Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSNL Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  CSNL Datasheet HTML 1Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 2Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 3Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 4Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 5Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 10/22/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL Series
Metal Plate Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
Mechanical Specifications (cont.)
Test
Test Method
Test Specification
Typical
MIL-STD-502F-Method 108A
RCWV at 70°C; 1.5 hour ON; 0.5 hour OFF
Total 1024 ± 24 hours
MIL-STD-202F-Method 210E
260 ± 5°C for 10 ± 1 seconds
MIL-STD-202F-Method 208H
245 ± 5°C for 2 ± 0.5 seconds
MIL-STD-202F-Method 107G
-55°C to 150°C, 100 cycles
JIS-C-5202-5.5
5x rated power for 5 seconds
JIS-C-5202-7.4
-55°C: 30 minutes 25°C: 2 to 3 minutes
155°C: 30 minutes 25°C: 2 to 3 minutes
Moisture Resistance
MIL- STD-202F-Method 106G
± 0.5%
≤ 0.5%
MIL-STD-202F-Method 302
Apply 100 Vdc for 1 minute
Leach Resistance
-
90 seconds minimum
≥ 90 seconds
Solderability
minimum 95% coverage
> 95%
Load Life
± 1%
≤ 0.5%
Resistance to Soldering Heat
± 0.5%
≤ 0.25%
Thermal Shock
± 0.5%
≤ 0.5%
Short Time Overload
± 0.5%
≤ 0.5%
Operating temperature range is -55°C to +170°C
Temperature Cycling
± 0.5%
≤ 0.5%
Insulation Resistance
1M Ω minimum
≥ 1M Ω
0.011 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.27 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
0.010 ± 0.008
0.051 ± 0.015
0.051 ± 0.015
0.250 ± 0.010
0.125 ± 0.010
inches
0.25 ± 0.20
1.30 ± 0.38
1.30 ± 0.38
6.35 ± 0.25
3.18 ± 0.25
mm
a
Top Termination
b
Bottom
L
Body Length
W
Body Width
Unit
CSNL2512
Type/Code
Resistance Range
(Ω)
H
Body Height
0.007
0.01



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com