Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNL Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # CSNL
Description  Metal Plate Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSNL Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  CSNL Datasheet HTML 1Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 2Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 3Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 4Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 5Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev Date: 10/22/2020
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL Series
Metal Plate Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Recommended Solder Profile
This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should
be compatible with most soldering processes. These are only recommendations. Actual numbers will depend on board
density, geometry, packages used, etc., especially those cells labeled with “*”.
100% Matte Tin / RoHS Compliant Terminations
Soldering iron recommended temperatures: 330°C to 350°C with minimum duration.
Maximum number of reflow cycles: 3.
Recommended Pad Layout
Wave Soldering
Description
Maximum
Recommended
Minimum
Preheat Time
80 seconds
70 seconds
60 seconds
Temperature Diff.
140°C
120°C
100°C
Solder Temp.
260°C
250°C
240°C
Dwell Time at Max.
10 seconds
5 seconds
*
Ramp DN (°C/sec)
N/A
N/A
N/A
Temperature Diff. = Defference between final preheat stage and soldering stage.
Type/Code
Resistance Range (Ω)
a
b
i
Unit
0.063
0.086
0.039
inches
1.60
2.18
1.00
mm
0.114
0.115
0.048
inches
2.89
2.92
1.22
mm
0.090
0.115
0.095
inches
2.29
2.92
2.41
mm
0.123
0.134
0.020
inches
3.13
3.40
0.52
mm
0.115
0.134
0.037
inches
2.93
3.40
0.94
mm
0.094
0.134
0.080
inches
2.38
3.40
2.04
mm
0.074
0.134
0.120
inches
1.88
3.40
3.04
mm
0.064
0.134
0.139
inches
1.63
3.40
3.54
mm
0.104
0.134
0.061
inches
2.63
3.40
1.54
mm
0.094
0.134
0.080
inches
2.38
3.40
2.04
mm
0.074
0.134
0.120
inches
1.88
3.40
3.04
mm
0.064
0.134
0.139
inches
1.63
3.40
3.54
mm
0.008 - 0.01
CSNL2010
CSNL2512
0.005 - 0.006
0.0065 - 0.007
0.002 - 0.0035
0.004 - 0.0045
0.001
0.0015
0.0005
0.00075
CSNL1206
0.001 - 0.05
≤ 0.003
≥ 0.0031



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com