Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRN Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # CSRN
Description  Thick Film Current Sensing Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRN Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  CSRN Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev Date: 6/21/202
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR / CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Please refer to the High-Power Resistor Application Note (page 7) for more information on designing and implementing high power
resistor types.
Mechanical Specifications - CSR
Mechanical Specifications
– CSRN (Narrow Termination)
Electrical Specifications
– CSR-HP (cont.)
1%, 2%, 5%
± 600
0.01 - 0.02
± 400
0.0205 - 0.0499
± 300
0.051 - 0.091
± 200
0.1 - 1
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
CSR1210…-HP
0.75
200
Type/Code
Power Rating (W)
@ 70°C
Dielectric
Withstanding
Voltage (V)
Weight (g)
(1000 pieces)
0.079 ± 0.008
0.148 ± 0.008
0.024 ± 0.004
0.016 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.20
3.75 ± 0.20
0.60 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
mm
0.197 ± 0.008
0.096 ± 0.006
0.024 ± 0.006
0.024 ± 0.012
0.020 ± 0.010
inches
5.00 ± 0.20
2.45 ± 0.15
0.60 ± 0.15
0.60 ± 0.30
0.50 ± 0.25
mm
0.250 ± 0.008
0.124 ± 0.006
0.024 ± 0.004
0.024 ± 0.012
0.022 ± 0.010
inches
6.35 ± 0.20
3.15 ± 0.15
0.60 ± 0.10
0.60 ± 0.30
0.55 ± 0.25
mm
CSRN2512
CSRN0815
CSRN2010
Body Height
Top Termination
19.96
27.03
53.08
Bottom Termination
Type/Code
L
W
T
D1
D2
Unit
Body Length
Body Width
Weight (g)
(1000 pieces)
0.024 ± 0.001
0.012 ± 0.001
0.009 ± 0.002
0.005 ± 0.002
0.006 ± 0.002
inches
0.60 ± 0.03
0.30 ± 0.03
0.23 ± 0.05
0.12 ± 0.05
0.15 ± 0.05
mm
0.039 ± 0.002
0.020 ± 0.002
0.013 ± 0.004
0.010 ± 0.004
0.008 ± 0.004
inches
1.00 ± 0.05
0.50 ± 0.05
0.32 ± 0.10
0.25 ± 0.10
0.20 ± 0.10
mm
0.063 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
inches
1.60 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
0.079 ± 0.006
0.049 ± 0.006
0.022 ± 0.004
0.012 ± 0.008
0.016 ± 0.010
inches
2.00 ± 0.15
1.25 ± 0.15
0.55 ± 0.10
0.30 ± 0.20
0.40 ± 0.25
mm
0.120 ± 0.006
0.061 ± 0.006
0.022 ± 0.004
0.020 ± 0.012
0.016 ± 0.010
inches
3.05 ± 0.15
1.55 ± 0.15
0.55 ± 0.10
0.50 ± 0.30
0.40 ± 0.25
mm
0.122 ± 0.004
0.102 ± 0.006
0.022 ± 0.004
0.020 ± 0.012
0.020 ± 0.010
inches
3.10 ± 0.10
2.60 ± 0.15
0.55 ± 0.10
0.50 ± 0.30
0.50 ± 0.25
mm
0.197 ± 0.008
0.100 ± 0.008
0.020 ± 0.006
0.068 ± 0.006
0.067 ± 0.006
inches
5.00 ± 0.20
2.54 ± 0.20
0.50 ± 0.15
1.72 ± 0.15
1.70 ± 0.15
mm
0.252 ± 0.008
0.126 ± 0.008
0.020 ± 0.006
0.024 ± 0.012
0.079 ± 0.010
inches
6.40 ± 0.20
3.20 ± 0.20
0.50 ± 0.15
0.60 ± 0.30
2.00 ± 0.25
mm
0.079 ± 0.008
0.295 ± 0.012
0.024 ± 0.004
0.016 ± 0.008
0.016 ± 0.008
inches
2.00 ± 0.20
7.50 ± 0.30
0.60 ± 0.10
0.40 ± 0.20
0.40 ± 0.20
mm
CSR2512
53.08
1.99
5.3
8.82
15.5
D2
Type/Code
Unit
L
Body Length
W
Body Width
T
Body Height
Bottom Termination
CSR0830
35.71
27.03
D1
Top Termination
CSR1210
CSR2010
CSR0201
CSR0603
CSR0805
CSR1206
CSR0402
0.18
0.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com