Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSRN Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSRN
Description  Thick Film Current Sensing Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSRN Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSRN Datasheet HTML 1Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 2Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 3Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 4Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 5Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 6Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 7Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 8Page - Stackpole Electronics, Inc. CSRN Datasheet HTML 9Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev Date: 6/21/202
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSR / CSRN Series
Thick Film Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
0201 to 1225 sizes available
•
Power ratings to 3W
•
Low inductance - < 2nH typically
•
Non-standard resistance values available
•
0815, 2010 and 2512 sizes available with narrow terminations (CSRN)
•
RoHS compliant and halogen free
•
REACH compliant
Electrical Specifications - CSR
Electrical Specifications
– CSR-HP
Electrical Specifications
– CSRN (Narrow Termination)
1%
2%, 5%
± 1000
± 600
± 300
CSR0402
0.125
200
± 200
CSR0603
0.125
200
± 300
CSR0805
0.25
200
± 200
CSR1206
0.5
200
± 100 (1)
± 600
± 400
± 300
± 200
CSR2010
1
200
± 100 (1)
CSR2512
2
200
± 200
± 300
-
0.001 - 0.004
± 200
± 150
± 300
± 200
± 150
± 100
2
0.003 - 0.0049
0.0051 - 0.01
0.0102 - 0.348
CSR1225
3
200
0.0051 - 0.02
0.0332 - 7.87
(1) Contact Stackpole for TCR below 50 mohm
CSR0830
CSR0201
0.05
0.15 - 0.499
0.511 - 1
Ohmic Range (Ω) and Tolerance
Power Rating (W)
@ 70°C
0.02 - 1
0.0511 - 1
200
0.02 - 1
0.01 - 1
0.01 - 1
0.01 - 1
0.0205 - 0.0301
CSR1210
0.5
200
200
0.1 - 0.147
0.01 - 0.02
0.0205 - 0.0511
0.0523 - 0.0976
0.1 - 1
TCR (ppm/ºC)
Type/Code
Dielectric
Withstanding
Voltage (V)
1%, 2%, 5%
CSRN2010
1
200
± 250
0.01 - 1
± 300
0.01 - 0.0196
± 150
0.02 - 0.499
CSRN2512
(*)
2
200
± 200
0.01 - 1
(*) AEC-Q200 Qualified
CSRN0815
1
200
Type/Code
Power Rating (W)
@ 70°C
Dielectric
Withstanding
Voltage (V)
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
1%, 2%, 5%
± 400
0.051 - 0.1
± 300
0.102 - 0.499
± 200
0.51 - 1
CSR0603…-HP
0.2
200
Type/Code
Power Rating (W)
@ 70°C
Dielectric
Withstanding
Voltage (V)
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance


Similar Part No. - CSRN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSRN0815 ETC2-CSRN0815 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
CSRN2010 ETC2-CSRN2010 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
CSRN2512 ETC2-CSRN2512 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
logo
Diodes Incorporated
CSRN2512FKR300CT DIODES-CSRN2512FKR300CT Datasheet
431Kb / 6P
High Current and High Voltage LED Driver
Rev 1
More results

Similar Description - CSRN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
73L1 CTS-73L1 Datasheet
187Kb / 4P
Thick Film Current Sensing Resistors
logo
KOA Speer Electronics, ...
SG731JT KOA-SG731JT Datasheet
92Kb / 2P
surge current thick film chip resistor
logo
List of Unclassifed Man...
CSRN2512FKR150 ETC2-CSRN2512FKR150 Datasheet
116Kb / 6P
CSR/CSRN Series Thick Film Current Sensing Resistor
logo
KOA Speer Electronics, ...
SG732ATTD200K KOA-SG732ATTD200K Datasheet
252Kb / 2P
surge current thick film chip resistor
logo
List of Unclassifed Man...
RS02 ETC-RS02 Datasheet
1Mb / 3P
CURRENT SENSING THICK FILM CHIP RESISTROS
logo
CTS Corporation
008-0337-0 CTS-008-0337-0 Datasheet
189Kb / 4P
Current Sensing Resistors ??Thick Film
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
logo
Eaton All Rights Reserv...
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com