Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSK0612JT2L00 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CSSK0612JT2L00
Description  Kelvin Termination Metal Alloy Current Sensing Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSK0612JT2L00 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CSSK0612JT2L00 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSSK0612JT2L00 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSK0612JT2L00 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSK0612JT2L00 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSK0612JT2L00 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev Date: 3/29/2022
1
www.seielect.com
This specification may be changed at any time without prior notice
.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSSK Series
Kelvin Termination Metal Alloy Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
• Metal element current sensing resistor
• Power rating to 3W
• Operation temperature range is -55ºC to +170ºC
• Tolerance available in ± 0.5% to ± 5%
• Insulation resistance over 100MΩ
• Maximum working voltage (V) is (P*R)1/2
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant
Electrical Specifications
Performance Characteristics
Mechanical Specifications
0.5%
1%, 2%, 5%
CSSK0612
1
± 100
-
0.0005 - 0.005
CSSK3637
3
± 50
0.0005 - 0.006
0.0005 - 0.006
Ohmic Range (Ω) and Tolerance
Type/Code
TCR (ppm/ºC)
Power Rating (W)
@ 70ºC
Type/Code
Unit
0.065 ± 0.008
0.120 ± 0.010
0.020 ± 0.005
0.020 ± 0.005
0.026 ± 0.008
0.016 ± 0.010
0.016 ± 0.010
inches
1.65 ± 0.20
3.05 ± 0.25
0.51 ± 0.13
0.51 ± 0.13
0.65 ± 0.20
0.40 ± 0.25
0.40 ± 0.25
mm
0.087 ± 0.010
inches
2.22 ± 0.25
mm
0.089 ± 0.010
inches
2.27 ± 0.25
mm
0.091 ± 0.010
inches
2.32 ± 0.25
mm
0.360 ± 0.010
0.378 ± 0.010
0.059 ± 0.010
0.047 ± 0.010
0.029 ± 0.010
0.091 ± 0.010
0.079 ± 0.010
inches
9.14 ± 0.25
9.60 ± 0.25
1.50 ± 0.25
1.20 ± 0.25
0.73 ± 0.25
2.30 ± 0.25
2.00 ± 0.25
mm
0.079 ± 0.010
inches
2.00 ± 0.25
mm
0.091 ± 0.010
inches
2.32 ± 0.25
mm
0.091 ± 0.010
inches
2.32 ± 0.25
mm
T2
L
W
H
T1
CSSK3637_5L00
CSSK3637_6L00
A
B
CSSK3637_L500
CSSK3637_L750
CSSK3637_1L00
CSSK3637_2L00
CSSK3637_3L00
CSSK0612
CSSK0612
CSSK3637
Temperature Coefficient of
Resistance
IEC60115-1-4.8
JIS-C5201-4.8
At +25ºC/+150ºC, 25°C is the
reference temperature
Load Life
IEC60115-1-4.25.1
JIS-C5201-4.25.1
∆ R/R1 ≤ ±(2% + 0.0005Ω)
∆ R/R1 ≤ ±(1% + 0.0005Ω)
1000 hours at rated power, 70ºC,
1.5 hours "ON", 0.5 hour "OFF".
Short Time Overload
IEC60115-1-4.13
JIS-C5201-4.13
5 times rated power for 5 seconds
Moisture no Load
IEC60115-1-4.24.2.1a
JIS-C5201-4.24.2.1a
85ºC, 85% RH, 1000 hours
Test
Test Method
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
Test Condition
Test Specification
As per specification


Similar Part No. - CSSK0612JT2L00

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CSS COPAL-CSS Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
TT Electronics.
CSS TTELEC-CSS Datasheet
546Kb / 2P
CURRENT SENSE SMT CHIP RESISTOR
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
MAGNETIC BUZZER
CSS-0575A-SMT CUI-CSS-0575A-SMT Datasheet
305Kb / 3P
MAGNETIC BUZZER TRANSDUCER
More results

Similar Description - CSSK0612JT2L00

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
Metal Alloy Low-Ohmic Current Sensing Resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
HCSK SEI-HCSK Datasheet
425Kb / 6P
Kelvin Termination Metal Element Current Shunt Resistor
9/12/2022
logo
C&B ELECTRONICS (SHENZH...
EBWM2512 RESI-EBWM2512 Datasheet
722Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com