Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # LPS
Description  SMD Shielded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPS Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  LPS Datasheet HTML 1Page - Stackpole Electronics, Inc. LPS Datasheet HTML 2Page - Stackpole Electronics, Inc. LPS Datasheet HTML 3Page - Stackpole Electronics, Inc. LPS Datasheet HTML 4Page - Stackpole Electronics, Inc. LPS Datasheet HTML 5Page - Stackpole Electronics, Inc. LPS Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 09/18/2019
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPS2618
Electrical Specifications – LPS5137
L
(μH)
L
Q
I sat
I rms
LPS2618MT1R0
1
20%
100 KHz, 0.1 V
200 KHz, 0.1 V
0.04
250
30
1.4
3
LPS2618MT1R5
1.5
20%
100 KHz, 0.1 V
200 KHz, 0.1 V
0.045
125
30
0.93
2.3
LPS2618MT2R2
2.2
20%
100 KHz, 0.1 V
200 KHz, 0.1 V
0.05
120
40
0.92
1.8
LPS2618MT3R3
3.3
20%
100 KHz, 0.1 V
200 KHz, 0.1 V
0.055
120
40
0.75
1.6
LPS2618MT4R7
4.7
20%
100 KHz, 0.1 V
200 KHz, 0.1 V
0.06
105
40
0.58
1.4
LPS2618MT6R8
6.8
20%
100 KHz, 0.1 V
200 KHz, 0.1 V
0.065
50
40
0.58
1.2
LPS2618MT100
10
20%
100 KHz, 0.1 V
200 KHz, 0.1 V
0.075
38
40
0.37
1
LPS2618MT150
15
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.09
33
40
0.31
0.8
LPS2618MT220
22
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.11
25
40
0.3
0.7
LPS2618MT330
33
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.19
20
40
0.24
0.6
LPS2618MT470
47
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.23
20
40
0.24
0.5
LPS2618MT680
68
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.29
15
40
0.17
0.4
LPS2618MT101
100
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.48
10
40
0.13
0.3
LPS2618MT151
150
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.59
9
40
0.1
0.26
LPS2618MT221
220
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
0.9
6
40
0.1
0.22
LPS2618MT331
330
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
1.4
5
40
0.07
0.2
LPS2618MT471
470
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
1.8
4
40
0.06
0.19
LPS2618MT681
680
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
2.2
3
40
0.06
0.18
LPS2618MT102
1000
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
3.4
2
40
0.05
0.15
LPS2618MT152
1500
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
4.2
2
50
0.04
0.12
LPS2618MT222
2200
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
8.5
2
50
0.03
0.1
LPS2618MT332
3300
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
11
1
50
0.02
0.08
LPS2618MT472
4700
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
13.9
1
50
0.02
0.06
LPS2618MT682
6800
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
25
1
50
0.02
0.04
LPS2618MT103
10000
20%
100 KHz, 0.1 V
100 KHz, 0.1 V
32.8
0.8
50
0.02
0.02
IDC (A) max.
Type / Code
Tolerance
Test Condition
Q min.
DCR (Ω)
max.
SRF ref
(MHz)
L
(μH)
LPS5137MT1R0
1
20%
100 KHz, 0.1 V
0.021
5.6
LPS5137MT1R5
1.5
20%
100 KHz, 0.1 V
0.022
5.2
LPS5137MT2R2
2.2
20%
100 KHz, 0.1 V
0.032
5
LPS5137MT3R3
3.3
20%
100 KHz, 0.1 V
0.039
3.9
LPS5137MT4R7
4.7
20%
100 KHz, 0.1 V
0.054
3.2
LPS5137MT6R8
6.8
20%
100 KHz, 0.1 V
0.075
2.8
LPS5137MT100
10
20%
100 KHz, 0.1 V
0.101
2.4
LPS5137MT120
12
20%
100 KHz, 0.1 V
0.14
2.1
LPS5137MT150
15
20%
100 KHz, 0.1 V
0.15
2
LPS5137MT180
18
20%
100 KHz, 0.1 V
0.2
1.7
LPS5137MT220
22
20%
100 KHz, 0.1 V
0.207
1.6
LPS5137MT270
27
20%
100 KHz, 0.1 V
0.3
1.5
LPS5137MT330
33
20%
100 KHz, 0.1 V
0.334
1.4
LPS5137MT390
39
20%
100 KHz, 0.1 V
0.46
1.1
LPS5137MT470
47
20%
100 KHz, 0.1 V
0.472
1
LPS5137MT680
68
20%
100 KHz, 0.1 V
0.66
0.9
LPS5137MT101
100
20%
100 KHz, 0.1 V
1.11
0.8
LPS5137MT121
120
20%
100 KHz, 0.1 V
1.3
0.62
LPS5137MT151
150
20%
100 KHz, 0.1 V
1.55
0.6
LPS5137MT221
220
20%
100 KHz, 0.1 V
2
0.5
LPS5137MT271
270
20%
100 KHz, 0.1 V
4.6
0.42
LPS5137MT331
330
20%
100 KHz, 0.1 V
5.6
0.35
LPS5137MT391
390
20%
100 KHz, 0.1 V
6.6
0.34
LPS5137MT471
470
20%
100 KHz, 0.1 V
7.6
0.33
LPS5137MT102
1000
20%
100 KHz, 0.1 V
8.3
0.32
IDC (A)
max.
Type / Code
Tolerance
Test Condition
DCR (Ω)
max.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com