Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # LPS
Description  SMD Shielded Power Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPS Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  LPS Datasheet HTML 1Page - Stackpole Electronics, Inc. LPS Datasheet HTML 2Page - Stackpole Electronics, Inc. LPS Datasheet HTML 3Page - Stackpole Electronics, Inc. LPS Datasheet HTML 4Page - Stackpole Electronics, Inc. LPS Datasheet HTML 5Page - Stackpole Electronics, Inc. LPS Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 09/18/2019
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPS Series
SMD Shielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Packaging Specifications
Environmental Specifications - General
Environmental Test
Type / Code
P
W
Unit
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.315 0.630 0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
8.00
16.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.472 0.945 0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
12.00 24.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
0.069 ± 0.004
0.059 ± 0.004
0.157 ± 0.004
0.787 1.260 0.512 ± 0.039
0.906 ± 0.039
0.098 ± 0.020 12.992 ± 7.008 Inches
1.75 ± 0.10
1.50 ± 0.10
4.00 ± 0.10
20.00 32.00 13.00 ± 1.00
23.00 ± 1.00
2.50 ± 0.50
330.00 ± 178.00
mm
L
LPS2618
LPS5137
LPS7360
A
D
P0
F
G
J
Item
Specification
Temperature range: 25 ± 3°C. Humidity: < 80% relative humidity.
Recommended product should be used within six months from the time of delivery.
Shelf Storage Conditions
Test
Test Specification
Test Condition
Temperature 85 ± 2°C
Time: 48 ± 2 hours
Tested after 1 hour at room temperature
Temperature -25 ± 2°C
Time: 48 ± 2 hours
Tested after 1 hour at room temperature
Temperature 40 ± 2°C, 90 ~ 95% relative humidity
Time: 96 ± 2 hours
Tested after 1 hour at room temperature
Tested after 1 hour at room temperature
First -25°C 30 minutes, then 25°C 10 minutes, last 85°C
30 minutes, as 1 cycle. Go through 5 cycles.
High Temperature Storage Test
No case deformation or change in
appearance.
Δ L/L ≤10%
Low Temperature Storage Test
Humidity Test
Thermal Shock Test



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com