Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WVM Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # WVM
Description  Ceramic Housed Vertical Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

WVM Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  WVM Datasheet HTML 1Page - Stackpole Electronics, Inc. WVM Datasheet HTML 2Page - Stackpole Electronics, Inc. WVM Datasheet HTML 3Page - Stackpole Electronics, Inc. WVM Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 11/30/2020
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LVM / NVM / WVM Series
Ceramic Housed Vertical Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Features:
•
Flameproof inorganic construction
•
High temperature potting compound
•
LVM
– Low resistance wire or ribbon element
•
NVM
– Non-inductively Ayrton Perry winding
•
WVM
– Precision wirewound element
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
LVM:
WVM:
Electrical Specifications
Mechanical Specifications
0.382 ± 0.039
0.988 ± 0.059
0.520 ± 0.039
0.201 ± 0.059
0.031 ± 0.002
0.138 ± 0.020
inches
9.70 ± 0.99
25.10 ± 1.50
13.21 ± 0.99
5.11 ± 1.50
0.79 ± 0.05
3.51 ± 0.51
mm
0.382 ± 0.039
1.520 ± 0.059
0.520 ± 0.039
0.201 ± 0.059
0.036 ± 0.002
0.138 ± 0.020
inches
9.70 ± 0.99
38.61 ± 1.50
13.21 ± 0.99
5.11 ± 1.50
0.91 ± 0.05
3.51 ± 0.51
mm
0.480 ± 0.039
1.374 ± 0.059
0.634 ± 0.039
0.299 ± 0.059
0.036 ± 0.002
0.138 ± 0.020
inches
12.19 ± 0.99
34.90 ± 1.50
16.10 ± 0.99
7.59 ± 1.50
0.91 ± 0.05
3.51 ± 0.51
mm
LVM10, NVM10, WVM10
Type/Code
C
D
Unit
LVM7, NVM7, WVM7
LVM5, NVM5, WVM5
A
B
Lead Diameter
Lead Length
Moisture Resistance
± 5%
Thermal Shock
± 2%
Load Life @ 70
C - 1000 hours
± 5%
Resistance to Soldering Heat
± 2%
Short Time Overload - 5 X Pn for 5 seconds
± 2%
Dielectric Withstanding Voltage
± 2%
Test
Test Result
Operating temperature range is -55ºC to +275ºC
0.5%
1%
5%
10%
LVM5
5
-
LVM7
7
-
LVM10
10
-
NVM5
5
350
< 1 Ω = ± 90 ppm
0.1 - 2.4 K
-
NVM7
7
500
1 Ω to 10 Ω = ± 50 ppm
0.1 - 3.9 K
-
NVM10
10
700
> 10 Ω = ± 20 ppm
0.1 - 3.9 K
-
WVM5
5
350
< 1 Ω = ± 90 ppm
-
WVM7
7
500
1 Ω to 10 Ω = ± 50 ppm
-
WVM10
10
700
> 10 Ω = ± 20 ppm
-
Resistance Temperature Coefficient Standard
Maximum Working Voltage is limited by
unless specified otherwise.
Type / Code
± 50 ppm to ± 400 ppm
depending on value
Power Rating
(W)
@ 70ºC
Ohmic Range (Ω) and Tolerance
Voltage Rating
(V)
TCR (ppm/°C)
0.1 - 5 K
0.1 - 8 K
0.1 - 8 K
0.01 - 0.1
0.02 - 0.15
0.02 - 0.15
-
-
-
√ P*R
√ P*R


Similar Part No. - WVM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
WVM LITTELFUSE-WVM Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM011AL LITTELFUSE-WVM011AL Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Thinki Semiconductor Co...
WVM50N06 THINKISEMI-WVM50N06 Datasheet
1Mb / 7P
50A,60V Heatsink Planar N-Channel Power MOSFETs
logo
Littelfuse
WVM611AH LITTELFUSE-WVM611AH Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
WVM611AL LITTELFUSE-WVM611AL Datasheet
315Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results

Similar Description - WVM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Stackpole Electronics, ...
BVM SEI-BVM Datasheet
394Kb / 4P
Ceramic Housed Vertical Bracket Mount Resistor
11/30/2020
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com