Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCT150 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # LPCT150
Description  SMD Unshielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCT150 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  LPCT150 Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 7Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev Date: 08/30/2019
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPC Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPC1412
Mechanical Specifications (cont.)
0.39 ± 0.02
0.35 ± 0.01
0.16 ± 0.02
0.37
0.15
0.10
inches
10.00 ± 0.40
9.00 ± 0.30
4.00 ± 0.50
9.50
3.75
2.50
mm
0.39 ± 0.02
0.35 ± 0.01
0.21 ± 0.02
0.37
0.15
0.10
inches
10.00 ± 0.40
9.00 ± 0.30
5.40 ± 0.50
9.50
3.75
2.50
mm
0.39 ± 0.02
0.35 ± 0.01
0.30
0.37
0.15
0.10
inches
10.00 ± 0.40
9.00 ± 0.30
7.50
9.50
3.75
2.50
mm
H
I
J
Unit
Max.
Max.
Max.
LPC3935…-HP
LPC3935
LPC3935…-LP
Type/Code
A
B
max.
max.
C
L
DCR
I DC
(μH)
(Ω) max.
(A) max.
LPC1412MT1R0
1.0
20%
100KHz, 0.25V
0.06
1.4
LPC1412MT1R5
1.5
20%
100KHz, 0.25V
0.081
1.3
LPC1412MT1R8
1.8
20%
100KHz, 0.25V
0.098
1.24
LPC1412MT2R2
2.2
20%
100KHz, 0.25V
0.24
1.2
LPC1412MT2R7
2.7
20%
100KHz, 0.25V
0.135
1.04
LPC1412MT3R3
3.3
20%
100KHz, 0.25V
0.27
1
LPC1412MT3R9
3.9
20%
100KHz, 0.25V
0.188
0.79
LPC1412MT4R7
4.7
20%
100KHz, 0.25V
0.4
0.9
LPC1412MT5R6
5.6
20%
100KHz, 0.25V
0.45
0.65
LPC1412MT6R8
6.8
20%
100KHz, 0.25V
0.5
0.56
LPC1412MT8R2
8.2
20%
100KHz, 0.25V
0.65
0.5
LPC1412MT100
10
20%
1KHz, 0.25V
0.75
0.45
LPC1412MT120
12
20%
1KHz, 0.25V
0.85
0.43
LPC1412MT150
15
20%
1KHz, 0.25V
1.2
0.39
LPC1412MT180
18
20%
1KHz, 0.25V
1.3
0.32
LPC1412MT220
22
20%
1KHz, 0.25V
1.5
0.28
LPC1412MT270
27
20%
1KHz, 0.25V
2.2
0.26
LPC1412MT330
33
20%
1KHz, 0.25V
2.8
0.25
LPC1412MT470
47
20%
1KHz, 0.25V
4
0.21
LPC1412MT560
56
20%
1KHz, 0.25V
4.5
0.2
LPC1412MT680
68
20%
1KHz, 0.25V
5
0.18
LPC1412MT820
82
20%
1KHz, 0.25V
6.5
0.16
LPC1412MT101
100
20%
1KHz, 0.25V
7.5
0.15
LPC1412MT221
220
20%
1KHz, 0.25V
14
0.13
LPC1412MT331
330
20%
1KHz, 0.25V
22
0.11
LPC1412MT391
390
20%
1KHz, 0.25V
26
0.1
Type/Code
Test Condition
Tolerance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com