Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPCT150 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # LPCT150
Description  SMD Unshielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCT150 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  LPCT150 Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 7Page - Stackpole Electronics, Inc. LPCT150 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Rev Date: 08/30/2019
4
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPC Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LPC3128(HP), 3935(LP)(HP)
Electrical Specifications – LPC2320, 2320(HP), 3128 (cont.)
2320
2320(HP)
3128
2320
2320(HP)
3128
LPC_ _T150
15
10%, 20%
1KHz, 0.25V
0.19
0.14
0.104
1.7
1.3
1.24
LPC_ _T180
18
10%, 20%
1KHz, 0.25V
0.21
0.15
0.111
1.6
1.23
1.12
LPC_ _T220
22
10%, 20%
1KHz, 0.25V
0.28
0.18
0.129
1.5
1.11
1.07
LPC_ _T270
27
10%, 20%
1KHz, 0.25V
0.32
0.2
0.153
1.4
0.97
0.94
LPC_ _T330
33
10%, 20%
1KHz, 0.25V
0.38
0.23
0.17
1.1
0.88
0.85
LPC_ _T390
39
10%, 20%
1KHz, 0.25V
0.42
0.32
0.217
1
0.8
0.74
LPC_ _T470
47
10%, 20%
1KHz, 0.25V
0.43
0.37
0.252
0.9
0.72
0.68
LPC_ _T560
56
10%, 20%
1KHz, 0.25V
0.5
0.42
0.282
0.85
0.68
0.64
LPC_ _T680
68
10%, 20%
1KHz, 0.25V
0.68
0.46
0.332
0.8
0.61
0.59
LPC_ _T820
82
10%, 20%
1KHz, 0.25V
0.82
0.6
0.406
0.65
0.58
0.54
LPC_ _T101
100
10%, 20%
1KHz, 0.25V
1.1
0.7
0.481
0.6
0.52
0.51
LPC_ _T121
120
10%, 20%
1KHz, 0.25V
1.2
0.93
0.536
0.58
0.48
0.49
LPC_ _T151
150
10%, 20%
1KHz, 0.25V
1.5
1.1
0.755
0.43
0.4
0.4
LPC_ _T181
180
10%, 20%
1KHz, 0.25V
1.8
1.38
1.022
0.41
0.38
0.36
LPC_ _T221
220
10%, 20%
1KHz, 0.25V
2
1.57
1.2
0.38
0.35
0.31
LPC_ _T271
270
10%, 20%
1KHz, 0.25V
2.9
1.6
1.306
0.35
0.34
0.29
LPC_ _T331
330
10%, 20%
1KHz, 0.25V
3.3
1.82
1.495
0.28
0.32
0.28
LPC_ _T391
390
10%, 20%
1KHz, 0.25V
3.7
-
1.7
0.26
-
0.27
LPC_ _T471
470
10%, 20%
1KHz, 0.25V
4.9
2.76
2.1
0.2
0.3
0.26
LPC_ _T561
560
10%, 20%
1KHz, 0.25V
5
3.1
2.66
0.19
0.29
0.25
LPC_ _T681
680
10%, 20%
1KHz, 0.25V
6
4.05
3
0.18
0.28
0.23
LPC_ _T821
820
10%, 20%
1KHz, 0.25V
6.6
5.56
3.63
0.15
0.27
0.21
LPC_ _T102
1000
10%, 20%
1KHz, 0.25V
8
5.74
4.76
0.13
0.26
0.2
I DC (A) max.
Type/Code
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
3128(HP) 3935(LP)
3935
3935(HP) 3128(HP) 3935(LP)
3935
3935(HP)
LPC_MT1R0
1
20%
100KHz, 0.25V
0.013
0.012
-
0.008
3.4
8.7
-
9.5
LPC_MT1R2
1.2
20%
100KHz, 0.25V
-
0.014
0.009
-
-
8
8.63
-
LPC_MT1R5
1.5
20%
100KHz, 0.25V
0.016
0.016
0.01
-
3.3
7.48
8
-
LPC_MT1R8
1.8
20%
100KHz, 0.25V
0.02
0.018
-
0.011
3.2
6.8
-
8.6
LPC_MT2R2
2.2
20%
100KHz, 0.25V
0.023
0.02
0.014
0.012
3
5.4
6.8
7.2
LPC_MT2R5
2.5
20%
100KHz, 0.25V
0.026
-
-
-
2.9
-
-
-
LPC_MT2R7
2.7
20%
100KHz, 0.25V
0.027
0.024
-
-
2.85
3.2
-
-
LPC_MT3R3
3.3
20%
100KHz, 0.25V
0.028
0.028
0.018
0.016
2.8
2.85
3.05
6.8
LPC_MT3R9
3.9
20%
100KHz, 0.25V
-
0.03
-
0.017
-
2.8
-
6.35
LPC_MT4R7
4.7
20%
100KHz, 0.25V
0.045
0.038
0.02
0.019
2.7
2.75
2.9
5.45
LPC_MT5R6
5.6
20%
100KHz, 0.25V
0.048
0.04
-
0.024
2.65
2.7
-
4.3
LPC_MT6R8
6.8
20%
100KHz, 0.25V
0.058
0.042
0.04
0.035
2.5
2.65
2.75
3.52
LPC_MT8R2
8.2
20%
100KHz, 0.25V
0.07
0.048
0.05
0.045
2.4
2.6
2.7
3.51
LPC_ _T100
10
10%, 20%
1KHz, 0.25V
0.07
0.053
0.06
0.06
2.3
2.38
2.6
3.5
LPC_ _T120
12
10%, 20%
1KHz, 0.25V
0.08
0.061
0.07
0.07
2
2.13
2.45
3.4
LPC_ _T150
15
10%, 20%
1KHz, 0.25V
0.09
0.07
0.08
0.08
1.8
1.87
2.27
3.1
LPC_ _T180
18
10%, 20%
1KHz, 0.25V
0.1
0.081
0.09
0.09
1.6
1.73
2.15
3
LPC_ _T220
22
10%, 20%
1KHz, 0.25V
0.11
0.9
0.1
0.1
1.5
1.6
1.95
2.6
LPC_ _T270
27
10%, 20%
1KHz, 0.25V
0.12
0.1
0.11
0.11
1.3
1.44
1.76
2.4
LPC_ _T330
33
10%, 20%
1KHz, 0.25V
0.13
0.12
0.12
0.12
1.2
1.26
1.5
2.3
LPC_ _T390
39
10%, 20%
1KHz, 0.25V
0.16
0.151
0.14
0.14
1.1
1.2
1.37
2.1
LPC_ _T470
47
10%, 20%
1KHz, 0.25V
0.18
0.17
0.17
0.17
1.4
1.1
1.28
1.95
LPC_ _T560
56
10%, 20%
1KHz, 0.25V
0.24
0.199
0.19
0.19
0.94
1.01
1.17
1.85
LPC_ _T680
68
10%, 20%
1KHz, 0.25V
0.28
0.223
0.22
0.22
0.85
0.91
1.11
1.65
LPC_ _T820
82
10%, 20%
1KHz, 0.25V
0.37
0.252
0.25
0.25
0.78
0.85
1
1.5
LPC_ _T101
100
10%, 20%
1KHz, 0.25V
0.43
0.344
0.35
0.35
0.72
0.74
0.97
1.4
LPC_ _T121
120
10%, 20%
1KHz, 0.25V
0.47
0.396
0.4
0.4
0.66
0.69
0.89
1.3
LPC_ _T151
150
10%, 20%
1KHz, 0.25V
0.64
0.544
0.47
0.47
0.58
0.61
0.78
1.2
LPC_ _T181
180
10%, 20%
1KHz, 0.25V
0.71
0.621
0.63
0.63
0.51
0.56
0.72
1
LPC_ _T221
220
10%, 20%
1KHz, 0.25V
0.96
0.721
0.73
0.73
0.49
0.53
0.66
0.95
LPC_ _T271
270
10%, 20%
1KHz, 0.25V
1.11
0.949
0.97
0.97
0.42
0.45
0.57
0.9
Type/Code
L (μH)
Tolerance
DCR (Ω) max.
I DC (A) max.
Test Condition



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com