Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERICS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # POWERICS
Description  microBUCK® Highly Integrated Synchronous Buck Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POWERICS Datasheet(HTML) 1 Page - Vishay Siliconix

  POWERICS Datasheet HTML 1Page - Vishay Siliconix POWERICS Datasheet HTML 2Page - Vishay Siliconix POWERICS Datasheet HTML 3Page - Vishay Siliconix POWERICS Datasheet HTML 4Page - Vishay Siliconix POWERICS Datasheet HTML 5Page - Vishay Siliconix POWERICS Datasheet HTML 6Page - Vishay Siliconix POWERICS Datasheet HTML 7Page - Vishay Siliconix POWERICS Datasheet HTML 8Page - Vishay Siliconix POWERICS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
microBUCK® PRODUCT FAMILY
FEATURES
• Compact scalable highly integrated
solutions
• Output and over voltage protection
• > 93 % peak efficiency
• Easy to use and highly flexible CAD
tool aids in design simulations to
select right part
• Programmable soft-start and
soft-shutdown
• Integrated Power MOSFETs
APPLICATIONS
• Desktop and server computers
• Notebook computers
• Digital HDTV and digital consumer
applications
• Networking and telecommunication
equipment
• LCD TV, STB, and other consumer
applications
• Embedded applications
• Point of load power supplies
RESOURCES
• microBUCK product family datasheets: http://www.vishay.com/power-ics/integrated-
microbuck/
• PowerCAD Simulation Design Tool: http://www.vishay.com/power-ics/powercad-list/
• For technical questions, contact PowerICtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .
VMN-PL0427-1210
1/12
PRODUCT OVERVIEW
Discrete Semiconductors and Passive Components
One of the World’s Largest Manufacturers of
microBUCK® Highly Integrated
Synchronous Buck Regulators


Similar Part No. - POWERICS

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
POWER CABLE AXIOMTEK-POWER CABLE Datasheet
339Kb / 2P
2/4-port PCI Express GigE Frame Grabber Card
Apr. 29, 2024.
logo
Omega Engineering, Inc.
POWER CORD-SE OMEGA-POWER CORD-SE Datasheet
207Kb / 1P
REGULATED POWER SUPPLY FOR TRANSDUCERS AND BRIDGES ADJUSTABLE 4 TO 15 Vdc OUTPUT
logo
TE Connectivity Ltd
POWER RATIO TEC-POWER RATIO Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
01/2015
logo
PowerData Technologies ...
POWER UNIT 0/4 POWERDATATECHNOLOGIES-POWER UNIT 0/4 Datasheet
172Kb / 1P
Modular under desk power & data products
POWER UNIT 1/2 POWERDATATECHNOLOGIES-POWER UNIT 1/2 Datasheet
172Kb / 1P
Modular under desk power & data products
More results

Similar Description - POWERICS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AM IRF-IR3843AM_15 Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
logo
Vishay Siliconix
SIC401AB VISHAY-SIC401AB Datasheet
4Mb / 12P
microBUCK® PRODUCT FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com