Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POWERICS Datasheet(PDF) 10 Page - Vishay Siliconix

Part # POWERICS
Description  microBUCK® Highly Integrated Synchronous Buck Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

POWERICS Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button POWERICS Datasheet HTML 4Page - Vishay Siliconix POWERICS Datasheet HTML 5Page - Vishay Siliconix POWERICS Datasheet HTML 6Page - Vishay Siliconix POWERICS Datasheet HTML 7Page - Vishay Siliconix POWERICS Datasheet HTML 8Page - Vishay Siliconix POWERICS Datasheet HTML 9Page - Vishay Siliconix POWERICS Datasheet HTML 10Page - Vishay Siliconix POWERICS Datasheet HTML 11Page - Vishay Siliconix POWERICS Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
microBUCK® PRODUCT FAMILY
SiP12107, 3 A, 5.5 V Synchronous microBUCK® Regulator
!
C
M
Y
CM
MY
CY
CMY
K
SiP12107 buck and app circuit.pdf
1
10/25/12
8:45 PM
SIP12107
SiP12107 Typical Application Circuit
SiP12107 Typical Block Diagram
Efficiency Curve
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
3.3V – 1.2V
PWM
Eff PWM 500KHZ Various Configurations
C
M
Y
CM
MY
CY
CMY
K
SiP12107 efficiency curve.pdf
1
10/25/12
8:31 PM
SiP12107 Efficiency Curve
Fig. 2 - SiP12107 Functional Block Diagram
ON-TIME
GENERATOR
+
-
PWM COMPARATOR
SOFT
START
0.6 V
REFERENCE
AGND
P
GOOD
AVIN
EN
VFB
VIN
1,16
VIN
LX
P
GND
VIN
VIN
11,12,13
14,15
ANTI-XCOND
CONTROL
8
6
2
3
ZCD
+
-
0.72 V
OV Comparator
CONTROL
LOGIC
SECTION
OCP
UVLO
OTP
5
AUTO
7
GMO
OTA
+
-
+
Isense
9
I-V
Converter
Isense
RON
VOUT
4
10
+
-
0.45 V
VFB
UV Comparator
PAD
Current
Mirror
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL0427-1210
10/12
PRODUCT OVERVIEW
POWER ICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com