Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRS3JB10L0 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # MRS3JB10L0
Description  Low Resistance Value Resistor - Molded 2 and 4 Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MRS3JB10L0 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  MRS3JB10L0 Datasheet HTML 1Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 2Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 3Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 4Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev Date: 5/12/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MR / MRS / TMR Series
Low Resistance Value Resistor
– Molded 2 and 4 Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
TCR X Resistance:
Performance Characteristics
Test
Test Results
Moisture Resistance
± 5%
Thermal Shock
± 2%
Load Life @ 70ºC - 1000 hours
± 5%
Resistance to Soldering Heat
± 2%
Short Time Overload
± 2%
Dielectric Withstanding Voltage
± 2%
Operating Temperature Range: -55ºC to +275ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com