Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRS3JB10L0 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # MRS3JB10L0
Description  Low Resistance Value Resistor - Molded 2 and 4 Leads
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MRS3JB10L0 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  MRS3JB10L0 Datasheet HTML 1Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 2Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 3Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 4Page - Stackpole Electronics, Inc. MRS3JB10L0 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev Date: 5/12/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MR / MRS / TMR Series
Low Resistance Value Resistor
– Molded 2 and 4 Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Metal element resistors
•
Tinned copper leads
•
Low temperature coefficient
•
Molded bodies
•
TMR
– Kelvin Bridge Test
•
MRS high stability version
•
Cut and formed product is available on selected sizes - contact Stackpole for details
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
MR
TMR
Electrical Specifications
Mechanical Specifications
0.385 ± 0.015
0.135 ± 0.015
1.375 ± 0.125
0.032 ± 0.002
inches
9.78 ± 0.38
3.43 ± 0.38
34.93 ± 3.18
0.81 ± 0.05
mm
0.560 ± 0.015
0.205 ± 0.015
1.375 ± 0.125
0.032 ± 0.002
inches
14.22 ± 0.38
5.21 ± 0.38
34.93 ± 3.18
0.81 ± 0.05
mm
0.925 ± 0.015
0.330 ± 0.015
1.375 ± 0.125
0.036 ± 0.002
inches
23.50 ± 0.38
8.38 ± 0.38
34.93 ± 3.18
0.91 ± 0.05
mm
1.925 ± 0.015
0.475 ± 0.015
1.375 ± 0.125
0.036 ± 0.002
inches
48.90 ± 0.38
12.07 ± 0.38
34.93 ± 3.18
0.91 ± 0.05
mm
0.625 ± 0.015
0.205 ± 0.015
1.375 ± 0.125
0.032 ± 0.002
0.125
inches
15.88 ± 0.38
5.21 ± 0.38
34.93 ± 3.18
0.81 ± 0.05
3.18
mm
0.940 ± 0.015
0.330 ± 0.015
1.375 ± 0.125
0.036 ± 0.002
0.200
inches
23.88 ± 0.38
8.38 ± 0.38
34.93 ± 3.18
0.91 ± 0.05
5.08
mm
(1) See Packaging Specification for lead length dimension for tape and reel packaged product.
E
Lead Spacing
(Ref.)
Unit
A
Body Length
B
Body Diameter
C
Lead Length (Bulk)
(1)
D
Lead Diameter
MR10
TMR5
MR3
MR5
TMR3
MR1
-
Type/Code
1%, 5%
MR1
(2)
1
0.01 - 0.1
MR3
(3)
3
0.005 - 0.2
MR5
(4)
5
0.005 - 0.3
MR10
(5)
10
0.01 - 0.5
TMR3
3
0.005 - 0.2
TMR5
5
0.005 - 0.3
(5) MR10 all values are ribbon element wound on ceramic core.
Ohmic Range (Ω) and
Tolerance
(1) TCR is value dependent. Contact Stackpole for specific data.
(2) MR1 values 0.05Ω and below are non-magnetic and non-inductive. MR1 values ≥ 0.06Ω are ribbon element wound on ceramic core.
(3) MR3 values 0.1Ω and below are non-magnetic and non-inductive. MR3 values ≥ 0.15Ω are ribbon element wound on ceramic core.
(4) MR5 values 0.15Ω and below are non-magnetic and non-inductive. MR5 values ≥ 0.15Ω are ribbon element wound on ceramic core.
Type/Code
500 VAC
5 seconds at
5 X rated power
± 50 to ± 400
(1)
± 40
Power Rating (W)
@ 70ºC
TCR (ppm/ºC)
Dielectric Strength
Short Time Overload


Similar Part No. - MRS3JB10L0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRS33 MACOM-MRS33 Datasheet
248Kb / 2P
Miniature Rotary Gold Contacts Available
More results

Similar Description - MRS3JB10L0

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
Low Value Flat Chip Resistor
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
logo
Panasonic Semiconductor
ERJM1W PANASONIC-ERJM1W Datasheet
148Kb / 11P
Low Resistance Value Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com