Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9960TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9960TR
Description  Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9960TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9960TR Datasheet HTML 17Page - STMicroelectronics L9960TR Datasheet HTML 18Page - STMicroelectronics L9960TR Datasheet HTML 19Page - STMicroelectronics L9960TR Datasheet HTML 20Page - STMicroelectronics L9960TR Datasheet HTML 21Page - STMicroelectronics L9960TR Datasheet HTML 22Page - STMicroelectronics L9960TR Datasheet HTML 23Page - STMicroelectronics L9960TR Datasheet HTML 24Page - STMicroelectronics L9960TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 95 page
background image
DS11115 Rev 10
21/95
L9960, L9960T
Functional description
94
Note:
(-) available in position D0 of the SPI command frame 4.
Note:
(-) available in position R0 of the SPI answer frame 7b.
Note:
(-) available in position R5 of the SPI answer frame 8c.
If this UV protection option is not enabled, an indefinite number of consecutive battery
under-voltage events can occur with the only action taken by the device to disable the
bridge, when the battery level is below “vps_uv threshold”.
Figure 7 and Figure 8 show the cases of VPS UV events greater or smaller than 2 in the
time frame defined by UV_WIN.
Case 1 (no enabled protection)
The first VPS transition under the VPs_uv_off threshold is disregarded, due to the event
duration less than Tvps_uv.
After the second UV transition on Vps, the bridge is put in tri-state. As the protection has not
been enabled via UV_PROT bit, the H-bridge keeps on switching between On-state and tri-state.
Figure 7. Battery voltage monitoring – case1
Table 14. UV_WIN
Bit status
Description
Condition
0
UV_WIN window is set to 20 µs
Reset value
1
UV_WIN window is set to 40 µs
-
Table 15. UV_WIN_echo
Bit status
Description
Condition
0
Echo: UV_WIN window is set to 20 µs
Reset value
1
Echo: UV_WIN window is set to 40 µs
-
Table 16. UV_CNT_REACHED
Bit status
Description
Condition
0
No VS under voltage events closer than UV_WIN
Default Value
1
Two VS under voltage events closer than UV_WIN
-
GAPGPS02313
Tvps _uv
T < Tvps _uv
Vps _uv _off
Vps
‘’VPS _UV’’
ON-STATE
ON-STATE
TRI-STATE
TRI-STATE
BRIDGE
STATE
Vps _uv _hys
Tvps _uv
Tvps _uv
Tvps _uv
T > UV_WIN or UV_PROT not
enabled
ON-STATE
‘’UV _CNT_REACHED’’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com